Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1360-R

  • AI
    The **1360-R** typically refers to a high-performance **Step-Down (Buck) Switching Regulator Control IC** or a specific power module configuration used in industrial and automotive electronics. Below is a breakdown of its core electronic characteristics and typical specifications. --- ## 1. Technical Specifications The 1360-R series (often associated with brands like **Texas Instruments** or specialized power manufacturers) is designed for efficiency and reliability. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 4.5V to 60V (High Voltage variants) | | **Output Voltage** | Adjustable (usually 0.8V to Vin) | | **Switching Frequency** | 100 kHz to 1 MHz (Programmable) | | **Maximum Current** | 3A to 10A (Depending on external MOSFETs) | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8, QFN, or TO-263 | --- ## 2. Key Electronic Features * **Wide Input Range:** Capable of handling significant voltage spikes, making it ideal for 24V or 48V industrial bus systems. * **Pulse Width Modulation (PWM):** Uses current-mode control for fast transient response and easy loop compensation. * **Thermal Shutdown:** Built-in protection that disables the device if the internal junction temperature exceeds safety limits (usually 150°C). * **Soft-Start Internal/External:** Prevents inrush current during power-up by gradually increasing the output voltage. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the supply voltage is high enough for stable performance. --- ## 3. Typical Application Circuit In a standard configuration, the 1360-R requires several external passive components to function as a DC-DC converter: ```cpp // Logic flow of the 1360-R Power Path [Input Voltage (Vin)] --> [Input Capacitor (Cin)] | [1360-R Controller] <--- [Feedback Loop (Vout)] | [Power Inductor (L)] | [Output Voltage (Vout)] <-- [Output Capacitor (Cout)] ``` --- ## 4. Common Use Cases 1. **Automotive Systems:** Converting 12V/24V battery power to 5V for infotainment or sensors. 2. **Industrial Automation:** Point-of-Load (POL) regulation for PLCs and motor controllers. 3. **Telecommunications:** Distributed power architectures where high efficiency and low heat dissipation are required.
    ✨ Follow-up Questions
    • ⤷ What are the specific pin configurations for the 1360-R SOP-8 package?
    • ⤷ Can the 1360-R be used in a Boost configuration instead of Buck?
    • ⤷ What is the recommended ESR for the output capacitors in this circuit?