Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1360-R3BK

  • AI
    The **1360-R3BK** is a specific electronic component housing, typically associated with the **1360 Series** of enclosures produced by manufacturers like **Hammond Manufacturing**. These parts are designed to protect printed circuit boards (PCBs) and internal electronic assemblies. Below is a detailed breakdown of the specifications and features related to this part. --- ## 1. Technical Specifications The 1360-R3BK is an instrument enclosure characterized by its "clamshell" design. | Feature | Specification | |:---|:---| | **Series** | 1360 Series | | **Material** | High-impact ABS Plastic | | **Color** | Black (indicated by the "BK" suffix) | | **Flammability Rating** | UL94-HB (Standard) | | **Structure** | Two-piece (Top and Bottom) with separate front/rear panels | | **Mounting** | Internal standoffs for PCB mounting | --- ## 2. Key Design Elements ### Enclosure Architecture * **Split Construction:** The unit consists of a top and bottom half that snap or screw together. This allows for easy access to the electronics during repair or assembly. * **Panels:** It usually includes removable front and rear panels. This is critical for electronics because it allows the user to drill or punch holes for connectors (like USB, HDMI, or DC jacks) without damaging the main body. * **Ventilation:** Depending on the specific sub-model, some versions feature integrated venting slots to dissipate heat from internal components like voltage regulators or microcontrollers. ### Material Properties The **ABS Plastic** used provides: * **Insulation:** Non-conductive material prevents short-circuits between the board and the casing. * **RF Transparency:** Unlike metal enclosures, plastic allows Wi-Fi, Bluetooth, and Radio signals to pass through easily, making it ideal for wireless projects. --- ## 3. Common Applications Electronics engineers and hobbyists use the 1360-R3BK for several purposes: 1. **Test Equipment:** Housing for multimeters or custom signal generators. 2. **Interface Converters:** Protecting circuitry for RS232 to USB converters. 3. **Prototyping:** A professional finish for Arduino or Raspberry Pi-based custom builds. 4. **Audio Gear:** Small amplifiers or DAC (Digital-to-Analog Converter) units. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in sourcing replacements: | Segment | Meaning | |:---|:---| | **1360** | The design family/style of the box. | | **R3** | Represents the specific size dimensions (Length x Width x Height). | | **BK** | Color code for **Black**. (GY would be Grey). | ---
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the R3 size variant?
    • ⤷ Does the 1360-R3BK come with mounting screws and rubber feet?
    • ⤷ Is there an EMI/RFI shielded version of this enclosure available?