Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1375-R1

  • AI
    The **1375-R1** typically refers to a high-performance **Step Motor Driver** or a specific high-voltage power supply component depending on the manufacturer (most commonly associated with older motion control systems like those from Applied Motion Products or similar industrial automation brands). Below is a breakdown of the electronic characteristics and internal parts common to this type of hardware. ### 1. Core Specifications The "1375" series usually indicates high-voltage capabilities and specific current ratings. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 110V - 125V AC (Direct Line Input) | | **Output Current** | 0.5 to 7.5 Amps per phase | | **Step Resolution** | Full, Half, and Microstepping (up to 50,800 steps/rev) | | **Logic Voltage** | 5V DC Opto-isolated inputs | | **Cooling** | Internal Heatsink / Optional External Fan | --- ### 2. Primary Electronic Internal Components To function as a high-voltage motor driver, the 1375-R1 consists of several critical electronic sub-systems: #### A. Power Stage (H-Bridge) * **MOSFETs/IGBTs:** The heart of the driver. These high-power transistors switch the 170V DC (rectified from 120VAC) into the motor coils. * **Flyback Diodes:** Protect the transistors from inductive spikes generated by the motor coils. #### B. Rectification & Filtering * **Bridge Rectifier:** Converts the AC input into high-voltage DC. * **Large Electrolytic Capacitors:** These "Bulk Caps" smooth the voltage ripples and provide the "punch" needed during high-torque acceleration. #### C. Logic and Control * **Microprocessor/ASIC:** Handles the microstepping algorithms and pulse-width modulation (PWM) to maintain precise current levels. * **Optocouplers:** These are critical for safety. They isolate the low-voltage control signals (from your PLC or Controller) from the high-voltage motor power to prevent electrical interference or damage. #### D. Feedback and Protection * **Current Sensing Resistors:** Low-ohm, high-wattage resistors used to measure the exact amount of current flowing to the motor. * **Thermal Sensors:** Monitors the temperature of the power stage to trigger a "Fault" if the unit overheats. --- ### 3. Connection Interface The unit generally features a series of screw terminals or pin headers: 1. **AC Input:** L, N, and Ground. 2. **Motor Output:** Phases A+, A-, B+, and B-. 3. **Signal Input:** Step (Pulse), Direction, and Enable signals. 4. **DIP Switches:** Used to configure the current limit and microstepping resolution without needing software. --- ### 4. Safety Considerations Because the 1375-R1 operates directly from AC line voltage, the internal DC bus can reach **170V DC**. * **Discharge Time:** After powering off, wait at least 1-2 minutes for the internal capacitors to discharge before touching terminals. * **Grounding:** Ensure the chassis is properly grounded to prevent EMI (Electromagnetic Interference) and electrical shock.
    ✨ Follow-up Questions
    • ⤷How do I set the DIP switches for a specific current limit on the 1375-R1?
    • ⤷ What are the most common failure modes for these high-voltage drivers?
    • ⤷ Can I use a 220V AC input with a 1375-R1 unit?