Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 137MDCL202KKG

  • AI
    The part number **137MDCL202KKG** refers to a high-performance **Film Capacitor**, typically utilized in power electronics for DC-Link applications. Below is a detailed breakdown of its specifications and characteristics. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Capacitance** | 1300 µF (1.3 mF) | | **Voltage Rating** | 2000 VDC | | **Tolerance** | ±10% (indicated by 'K') | | **Dielectric Material** | Polypropylene Film (Metallized) | | **Application Type** | DC-Link / Power Filtering | | **Mounting Type** | Stud Mount / Cylindrical Case | --- ## Component Breakdown ### 1. Function (DC-Link) In power conversion systems (like solar inverters or motor drives), the DC-Link capacitor acts as an energy reservoir. It stabilizes the intermediate DC voltage by smoothing out the ripple current generated by the switching action of IGBTs or MOSFETs. ### 2. Key Advantages * **High Ripple Current Handling:** Designed to manage large amounts of AC current superimposed on the DC voltage without overheating. * **Self-Healing Properties:** If a dielectric breakdown occurs due to a voltage spike, the metallized layer evaporates around the point of failure, isolating it and allowing the capacitor to continue functioning. * **Low ESR/ESL:** It features low Equivalent Series Resistance (ESR) and low Equivalent Series Inductance (ESL), which minimizes energy loss and voltage spikes. ### 3. Applications * **Renewable Energy:** Main bus capacitor in Wind and Solar power inverters. * **Industrial Drives:** Used in Variable Frequency Drives (VFDs). * **Transportation:** EV charging stations and traction inverters for electric vehicles. * **UPS Systems:** Uninterruptible Power Supplies for data centers. --- ## Part Number Decoding (Typical Industry Logic) While naming conventions vary by manufacturer (such as KEMET, Vishay, or TDK), the code generally follows this logic: | Segment | Meaning | | :--- | :--- | | **137** | Capacitance code (often 13 x 10^7 pF = 1300 µF) | | **MDC** | Series designation (Metallized DC-Link) | | **L** | Voltage rating code (e.g., 2000V) | | **202** | Specific mechanical or voltage sub-code | | **K** | Tolerance (K = ±10%) | | **KG** | Case size or terminal configuration | ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and mounting requirements for this specific capacitor?
    • ⤷ How does a film DC-Link capacitor compare to an electrolytic capacitor in terms of lifespan?
    • ⤷ What are the thermal management requirements for 2000VDC capacitors?