Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1396-R

  • AI
    The **1396-R** refers to the **Allen-Bradley 1396 Digital DC Drive**, specifically a regenerative (R) model. This industrial motor controller is designed to manage high-horsepower DC motors, offering the ability to return energy to the AC line during braking (regeneration). Below is a breakdown of the key electronic components and assemblies found within the 1396-R system. --- ## 1. Core Hardware Assemblies The drive is modular, consisting of several interconnected circuit boards and power components. | Component | Function | Key Electronic Parts | | :--- | :--- | :--- | | **Main Control Board** | The "brain" of the drive. | Microprocessors, EPROMs for firmware, and digital logic gates. | | **Power Module** | Converts AC to DC. | Thyristors (SCRs), heat sinks, and thermal sensors. | | **Pulse Transformer Board** | Fires the SCRs. | Isolation transformers and high-speed switching transistors. | | **Feedback Board** | Monitors motor status. | Analog-to-digital converters (ADC) and optoisolators. | --- ## 2. Key Electronic Components ### A. SCR Bridge (Silicon Controlled Rectifiers) The 1396-R uses a full-wave power bridge. Since it is a **Regenerative** drive, it contains **two sets of SCRs** (12 SCRs total): * **Forward Bridge:** 6 SCRs for normal motor rotation. * **Reverse Bridge:** 6 SCRs to allow current to flow back to the power line, enabling controlled braking and reversing without mechanical contactors. ### B. Gate Triggering Circuitry To control the SCRs, the drive uses gate pulses. These circuits include: * **Pulse Transformers:** Provide electrical isolation between high-voltage power sections and low-voltage control logic. * **Snubber Networks:** Consist of resistors and capacitors (RC circuits) placed across SCRs to prevent damage from voltage spikes ($dv/dt$ protection). ### C. Logic and Communication * **Adapter Boards:** These allow the drive to communicate via RIO (Remote I/O), ControlNet, or DeviceNet. * **HIM (Human Interface Module):** A digital keypad with an LCD screen used to program parameters and view fault codes. --- ## 3. Protection and Sensing Components The 1396-R includes sophisticated electronics to protect itself from failure: 1. **Current Transformers (CTs):** Measure the AC line current and DC output to prevent overcurrent. 2. **MOV (Metal Oxide Varistors):** Protect the drive from incoming line surges and lightning strikes. 3. **Tachometer/Encoder Interface:** Electronic inputs that read voltage or pulse signals to maintain precise motor speed. --- ## 4. Technical Specifications Summary | Feature | Description | | :--- | :--- | | **Input Voltage** | 230V to 460V AC (Standard) | | **Control Logic** | Fully Digital (Microprocessor-based) | | **Regeneration Type** | 4-Quadrant (Full motoring and braking in both directions) | | **Diagnostics** | On-board LED indicators and HIM fault history | ---
    ✨ Follow-up Questions
    • ⤷ What are the most common failure points in the 1396-R SCR bridge?
    • ⤷ How do you calibrate the feedback board on a 1396-R drive?
    • ⤷ What is the difference between the 1396-A and 1396-R models?