Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 13MF-R

  • AI
    The **13MF-R** is a specific electronic component typically identified as a **Radial Lead Metal Oxide Varistor (MOV)**. These components are primarily used for surge protection and voltage clamping in electronic circuits. --- ### 1. Key Technical Specifications The "13MF" series usually denotes specific physical and electrical characteristics. Below is a breakdown of the typical parameters for this type of part: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | Protective Device | | **Diameter** | Disc Size | ~13mm - 14mm | | **Voltage Rating** | Maximum Allowable AC Voltage | Varies (check specific suffix) | | **Lead Style** | Radial | Through-hole mounting | | **Tolerance** | Varistor Voltage Tolerance | ±10% (standard) | | **RoHS Status** | Compliance | Lead-free / RoHS compliant | --- ### 2. Functional Role The 13MF-R acts as a **Voltage-Dependent Resistor (VDR)**. Its resistance changes based on the applied voltage: * **Normal Operation:** Under standard operating voltages, the part has high resistance, acting as an open circuit. * **Surge Event:** When a high-voltage spike occurs (e.g., lightning or power surges), the resistance drops instantly, shunting the excess current to ground or across the line to protect sensitive downstream components. --- ### 3. Common Applications Due to its size and response time, the 13MF-R is commonly found in: 1. **Power Supplies (SMPS):** Protecting the input stage from AC line transients. 2. **Home Appliances:** Safeguarding control boards in washing machines and refrigerators. 3. **Industrial Equipment:** Preventing damage from motor switching noise. 4. **Telecom:** Protecting data lines from atmospheric surges. --- ### 4. Meaning of Suffixes * **"13":** Refers to the diameter of the ceramic disc (13mm). Larger diameters can generally handle higher energy levels (Joules). * **"MF":** Often denotes a specific manufacturer series or coating material (Flame-retardant epoxy). * **"-R":** Usually indicates **RoHS Compliance** or that the part is supplied on **Reel/Tape** packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the clamping voltage of the 13MF-R?
    • ⤷ How do I test if a 13MF-R varistor has failed?
    • ⤷ What are the equivalents or alternatives to the 13MF series?