Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1444-12..

  • AI
    The part number **1444-12** typically refers to a standard **Aluminum Chassis** manufactured by **Hammond Manufacturing**. While the number itself is a mechanical housing, it is a fundamental component in electronics prototyping, particularly for vacuum tube amplifiers, power supplies, and radio equipment. --- ### ## Technical Specifications: Hammond 1444-12 The 1444 series is known for its "spot-welded" heavy-duty aluminum construction, designed to provide electromagnetic shielding and a sturdy base for mounting heavy electronic components like transformers. | Feature | Specification | | :--- | :--- | | **Material** | Utility Grade Aluminum | | **Construction** | Spot Welded | | **Length** | 7.00 Inches (178 mm) | | **Width** | 5.00 Inches (127 mm) | | **Height** | 3.00 Inches (76 mm) | | **Material Thickness** | 0.04 Inches (1.02 mm) | | **Finish** | Natural Aluminum (Unfinished) | --- ### ### Key Electronic Functions Although the 1444-12 is a physical box, it serves several critical electronic roles: 1. **Faraday Cage (Shielding):** The aluminum body acts as a shield against **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**, protecting sensitive internal circuits from outside noise. 2. **Common Ground Plane:** In many circuit designs, the metal chassis acts as the common ground (earth). Components can be bolted directly to the frame to complete a circuit. 3. **Heat Dissipation:** Aluminum has high thermal conductivity. The 1444-12 can act as a large heat sink for power transistors or voltage regulators mounted to its surface. 4. **Structural Support:** The 0.04" thickness is specifically designed to support the weight of heavy copper-wound transformers and vacuum tube sockets without bowing. --- ### ### Common Applications * **Tube Amplifiers:** Used as the base for small "desktop" or "head" style guitar and Hi-Fi amplifiers. * **Power Supplies:** Housing for DIY bench power supplies where heat dissipation is required. * **RF Projects:** Building ham radio transmitters or receivers where shielding is mandatory to prevent signal leakage. * **Stomp Boxes:** While slightly large for a standard guitar pedal, it is often used for multi-effect DIY builds. --- ### ### Accessories To complete an electronic build using the 1444-12, the following parts are usually required: * **1434-12:** The matching bottom plate (sold separately) to fully enclose the electronics. * **Rubber Feet:** To prevent the metal from scratching surfaces and provide airflow. * **Grommets:** Used when passing wires through drilled holes to prevent the sharp aluminum edges from cutting the insulation.
    ✨ Follow-up Questions
    • ⤷ Does this chassis come in a painted or anodized version?
    • ⤷ What is the maximum weight capacity for mounting transformers on this specific model?
    • ⤷ Are there pre-drilled versions of the 1444-12 available for standard tube sockets?