Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1444-28..

  • AI
    Based on the part number **1444-28**, this typically refers to a specific chassis or enclosure component manufactured by **Hammond Manufacturing**, a leader in electrical and electronic enclosures. Below is a detailed breakdown of the specifications, material properties, and applications for this part. --- ## 1. Product Overview: Hammond 1444-28 The **1444-28** is an aluminum chassis designed to house electronic circuits, power supplies, or vacuum tube amplifiers. It provides structural support and EMI/RFI shielding for internal components. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Hammond Manufacturing | | **Material** | Aluminum (Utility Grade) | | **Dimensions (L x W x H)** | 17.0" x 10.0" x 3.0" (432mm x 254mm x 76mm) | | **Material Thickness** | 0.051" (1.3mm) | | **Finish** | Natural Aluminum (Unfinished) | | **Construction** | Spot Welded / Folded | --- ## 2. Key Features * **EMI/RFI Shielding:** Since it is made of aluminum, it naturally helps attenuate electromagnetic interference, protecting sensitive audio or RF circuits. * **Machinability:** The 0.051" aluminum thickness is easy to drill, punch, or cut, making it ideal for DIY enthusiasts and prototyping. * **Heat Dissipation:** Aluminum acts as a secondary heat sink for components bolted directly to the chassis. * **Rigidity:** The folded-edge construction provides high structural integrity for mounting heavy components like transformers. --- ## 3. Common Applications The 1444-28 is a "standard" size in the electronics industry, frequently used in: 1. **Audio Amplifiers:** Specifically "Hi-Fi" tube amplifiers where a large surface area is needed for vacuum tubes and transformers. 2. **Test Equipment:** Housing for custom-built signal generators, oscilloscopes, or power supply units. 3. **Rack-Mount Projects:** While not natively a rack-ear component, its 17-inch width allows it to be adapted into standard 19" rack shelves. 4. **Industrial Controls:** Protecting PCB assemblies in workshop environments. --- ## 4. Accessory Compatibility To complete a build using the 1444-28, engineers often use the following: * **Bottom Plate:** Model **1434-28** (used to seal the bottom of the chassis). * **Hardware:** Self-tapping screws or machine screws for mounting PCBs. * **Rubber Feet:** To prevent sliding and provide airflow underneath.
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using aluminum versus steel for this specific chassis?
    • ⤷ Does Hammond provide a version of this chassis with a painted or powder-coated finish?
    • ⤷ How do I calculate the thermal dissipation limit for components mounted on this chassis?