Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1453_

  • AI
    It appears you are referring to the **1453** series of electronic components, most commonly associated with **logic gates**, **voltage regulators**, or specific **surface-mount device (SMD) marking codes**. The most prevalent electronic part with this number is the **MC14538** (often abbreviated as 1453 in shorthand), which is a high-precision Monostable Multivibrator. --- ## 1. Primary Component: MC14538 (Multivibrator) The MC14538 is a dual precision retriggerable/resettable monostable multivibrator. It is widely used in timing circuits. ### Key Specifications | Feature | Description | | :--- | :--- | | **Logic Family** | CMOS (4000 Series) | | **Function** | Dual Monostable Multivibrator (One-Shot) | | **Supply Voltage Range** | 3.0V to 18V | | **Operating Temp** | -55°C to +125°C | | **Packaging** | PDIP, SOIC, TSSOP | ### Core Functions * **Retriggerable:** The output pulse can be extended by a new input trigger before the previous pulse expires. * **Resettable:** An external reset pin can terminate the output pulse immediately. * **Precision Timing:** Pulse width is determined by an external Resistor (R) and Capacitor (C) network. --- ## 2. SMD Marking Codes (1453) In the world of miniature surface-mount components, "1453" is often a code printed on the package that represents a completely different part number due to space constraints. ### Common Identifications | Marking Code | Actual Part Number | Component Type | | :--- | :--- | :--- | | **1453** | NCP1453 | PWM Step-up DC-DC Converter | | **1453** | MAX1453 | USB High-Speed Switch | | **1453** | TLV1453 | Low Power Operational Amplifier | --- ## 3. Application Examples If you are working with these parts in a circuit, they are typically used for: 1. **Time Delay Circuits:** Using the MC14538 to create specific "ON" durations for LEDs or motors. 2. **Power Management:** Using the NCP1453 to boost a low battery voltage (e.g., 1.5V) to a stable 3.3V or 5V. 3. **Signal Routing:** Using the MAX1453 to switch between different USB data paths in mobile devices. --- ## 4. Basic Circuit Diagram (MC14538) The following is a simplified logic representation of how the timing is triggered: ```text +VDD | [ R ] External Timing Resistor | +----- Pin 2 (RC Connection) | [ C ] External Timing Capacitor | GND Trigger In ----> [ 14538 IC ] ----> Pulse Out (Width = R * C) ``` ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet for the MC14538 multivibrator specifically?
    • ⤷ Are you identifying a physical chip with '1453' printed on it?
    • ⤷ Do you need help calculating the Resistor/Capacitor values for a specific timing duration?