Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1490-R2

  • AI
    The **1490-R2** is a specific electronic component, most commonly recognized as a **high-precision, high-frequency crystal oscillator** or a **thermal reed switch** depending on the specific manufacturer (notably CTS or Allen-Bradley/Rockwell). In the context of industrial electronics and timing circuits, here is the breakdown of its properties and functions. --- ## 1. Technical Specifications While parts can vary by brand, the 1490-R2 series typically falls under the category of **Industrial Control Components**. Below are the generalized specifications: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator / Thermal Switch | | **Mounting Type** | Through-hole (THT) or Panel Mount | | **Operating Voltage** | 3.3V to 5.0V (Logic levels) | | **Frequency Stability** | ±20ppm to ±50ppm | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Package Style** | Metal Can or Radial Lead | --- ## 2. Key Functional Areas ### A. Frequency Generation If the 1490-R2 is utilized as an oscillator, its primary job is to create a stable clock signal. This is critical for: * **Microcontrollers:** Synchronizing instruction execution. * **Data Communications:** Ensuring bit-rates remain consistent between a sender and receiver. ### B. Thermal Protection (Reed Variant) In some industrial catalogs (like Allen-Bradley), "1490" series parts refer to **Thermal Switches**. * **Sensing:** It detects specific temperature thresholds. * **Switching:** Once the Curie point of the internal magnet is reached, the contact opens or closes to protect the circuit from overheating. ### C. Filtering and Noise Suppression The 1490 series often includes passive components designed to: 1. Filter out Electromagnetic Interference (EMI). 2. Provide impedance matching for high-frequency signal lines. --- ## 3. Common Applications The 1490-R2 is found in the following environments: * **PLC Modules:** Used in Programmable Logic Controllers for industrial automation. * **Telecommunications:** In base station timing modules. * **Automotive Electronics:** For engine control units (ECU) that require high heat resistance. --- ## 4. Maintenance and Replacement If you are replacing a 1490-R2 on a PCB, ensure the following: 1. **Lead Pitch:** The distance between the pins must match the board layout. 2. **Frequency Match:** If used as a crystal, the MHz/kHz rating must be identical to the original part. 3. **Voltage Tolerance:** Ensure the power rail does not exceed the component's rated peak.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your 1490-R2 component?
    • ⤷ Are you looking for a pinout diagram for this part?
    • ⤷ Is this part currently failing in an industrial control system?