Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 14PA-R

  • AI
    The **14PA-R** is a specific electronic accessory, primarily categorized as a **terminal insulator** or **connector cap** used in industrial switching applications. It is most commonly associated with **Honeywell’s MICRO SWITCH™** limit switch series. --- ### 1. Technical Overview The 14PA-R is designed as a protective component for limit switches. Its primary function is to provide environmental and electrical insulation for the terminal connections of a switch. | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Insulator / Insulator Boot | | **Material** | High-grade Elastomer / Rubber | | **Color** | Red (Industry standard for visibility/identification) | | **Compatibility** | Honeywell BZ, DT, BA, and BM Series switches | | **Function** | Electrical insulation and moisture protection | --- ### 2. Key Functions and Applications #### A. Electrical Safety The insulator prevents accidental contact with live electrical terminals. This is crucial in dense control panels where wires might shift and cause a short circuit. #### B. Environmental Protection The "R" in the part number often denotes its specific fit or material properties (frequently associated with moisture resistance). It protects the screw terminals from: * Dust and debris * Oil splashes * Occasional moisture/condensation #### C. Ease of Installation The part is designed to be "press-fit" over the switch body once the wiring is completed. It features pre-cut or flexible entry points for the lead wires to exit while maintaining a tight seal around the switch base. --- ### 3. Usage Context You will typically find the 14PA-R in the following environments: 1. **Industrial Machinery:** Used on limit switches that detect the position of moving arms or safety gates. 2. **Conveyor Systems:** Protecting switches from the vibrations and dust inherent in material handling. 3. **HVAC Systems:** Ensuring control switches remain insulated in damp or tight enclosures. --- ### 4. Cross-Reference Example In a standard assembly, the 14PA-R is often paired with standard basic switches: ```yaml Switch_Assembly: Switch_Body: "BZ-2RD-A2" Insulator: "14PA-R" Mounting: "Panel Mount" Wire_Gauge: "14-18 AWG" ```
    ✨ Follow-up Questions
    • ⤷ What are the temperature ratings for the 14PA-R material?
    • ⤷ Is the 14PA-R compatible with switches from brands other than Honeywell?
    • ⤷ Are there alternative colors or materials available for this specific insulator model?