Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1550Z109..

  • AI
    The **1550Z109** is a specific part number associated with high-quality, ruggedized electronic enclosures, typically manufactured by **Hammond Manufacturing**. These are designed to protect electronic circuits and components in harsh environments. --- ### 1. Technical Specifications The 1550Z109 is part of the **1550 Series** of watertight die-cast aluminum enclosures. Below are the primary specifications: | Feature | Specification | | :--- | :--- | | **Material** | Die-cast Aluminum (Rugged, yet easy to machine) | | **Gasket Type** | Silicone Rubber (Installed in a tongue-and-groove lid) | | **IP Rating** | IP66 (Dust-tight and protected against powerful water jets) | | **Standard Finish** | Unfinished (Vibra finish) or Powder Coated (Black/Grey) | | **Internal Mounting** | Molded-in bosses for PCB mounting | | **Wall Thickness** | Approx. 2mm (varies by side) | --- ### 2. Key Components & Features * **EMI/RFI Shielding:** Because the enclosure is made of aluminum, it provides natural attenuation against electromagnetic and radio frequency interference, which is critical for sensitive electronics. * **Watertight Seal:** The "Z" designation often indicates the inclusion of a silicone gasket. This allows the unit to be used outdoors or in industrial wash-down areas. * **Lid Construction:** The lid is secured with stainless steel machine screws (M4) into pre-tapped holes. This prevents stripping compared to self-tapping screws. * **Low Side Wall Draft Angle:** Designed with a minimal wall draft (1.5 degrees or less) to make it easier to mount connectors and switches on the sides. --- ### 3. Common Applications Due to its durability and sealing, the 1550Z109 is commonly used for: 1. **Industrial Controllers:** Housing PLCs or custom control boards in factories. 2. **Stomp Boxes:** Heavy-duty guitar effects pedals. 3. **Outdoor Sensors:** Weather stations or remote telemetry units. 4. **Marine Electronics:** Protection against salt spray and moisture. --- ### 4. Dimensional Layout While specific dimensions can vary slightly by revision, the 1550Z109 generally follows this footprint: ```text External Dimensions (Approx): Length: 222 mm (8.74") Width: 146 mm (5.75") Height: 55 mm (2.17") ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 1550Z and the standard 1550 series?
    • ⤷ Are there specific torque requirements for the lid screws to maintain the IP66 rating?
    • ⤷ Can this enclosure be customized with CNC milling for specific port layouts?