Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1554XA2GYCL..

  • AI
    The **1554XA2GYCL** is a specific part number for a high-quality enclosure, primarily manufactured by **Hammond Manufacturing**. While the "electronic parts" within it depend on the user's application, the enclosure itself is a critical electromechanical component designed to protect sensitive electronic circuits. --- ## Technical Specifications: 1554XA2GYCL This enclosure is part of the **1554 Series**, known for its durability and environmental sealing. Below are the key technical attributes: | Feature | Specification | | :--- | :--- | | **Material** | Polycarbonate (Light Gray) | | **Lid Type** | Clear / Transparent Polycarbonate | | **Gasket Material** | Silicone Rubber (Oil Resistant) | | **IP Rating** | IP66 (Dust-tight, protection against powerful water jets) | | **NEMA Rating** | 4, 4X, 12, 13 | | **Flammability Rating** | UL94 V-0 | | **Dimensions** | Approx. 300mm x 200mm x 120mm (Varies slightly by exact rev) | --- ## Key Design Features ### 1. Environmental Protection The "GYCL" suffix indicates a **Gray** body with a **Clear** lid. * **Clear Lid:** Allows for visual monitoring of internal electronic components (LEDs, LCD screens, or indicators) without opening the box and breaking the seal. * **UV Protection:** Being made of Polycarbonate, it is suitable for outdoor use as it resists UV degradation better than standard ABS plastic. ### 2. Mounting and Assembly * **Internal Bosses:** The base contains molded-in brass inserts for mounting internal PCBs (Printed Circuit Boards) or DIN rails. * **Captured Screws:** The lid is secured with stainless steel M4 screws that are "captured," meaning they won't fall out when the lid is removed. ### 3. Modifiability Electronic engineers often use this part because: * It is easy to drill for **Cable Glands** or PG connectors. * It supports internal mounting plates (usually sold separately) for heavy components like transformers or power supplies. --- ## Common Applications Because of its high IP66 rating and clear lid, the 1554XA2GYCL is commonly used for: 1. **Industrial Control Panels:** Housing PLCs or relays in wash-down environments. 2. **Solar Monitoring:** Protecting charge controllers where visual inspection of the screen is necessary. 3. **IoT Gateways:** Housing wireless transmitters where signal transparency and weatherproofing are required.
    ✨ Follow-up Questions
    • ⤷What are the differences between Polycarbonate and ABS versions of the 1554 series?
    • ⤷ Which internal mounting plates are compatible with the 1554XA2GYCL?
    • ⤷ How do I calculate the thermal dissipation limits for electronics inside this enclosure?