Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 15552B

  • AI
    The **15552B** generally refers to a specific type of **high-voltage, high-current transient voltage suppressor (TVS)** or a specialized power diode assembly, often manufactured by companies like Microsemi or MSC. These components are designed for high-reliability applications, such as military, aerospace, and industrial power protection. --- ### 1. Key Technical Specifications The 15552B series is known for its ability to handle significant power surges. Below are the typical characteristics found in this class of electronic parts: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Transient Voltage Suppressor (TVS) | | **Peak Pulse Power** | 1.5 kW to 15 kW (depending on sub-series) | | **Operating Voltage** | High Voltage (often used in power distribution) | | **Package Style** | Case 5A, Axial Lead, or Stud Mount | | **Polarity** | Unidirectional or Bidirectional | | **Response Time** | Picoseconds (Theoretical) / Extremely Fast | --- ### 2. Functional Roles These parts are integrated into electronic circuits to perform the following roles: * **Overvoltage Protection:** They act as a "shunt" to ground. When a voltage spike exceeds the device's breakdown voltage, the 15552B becomes conductive, diverting the excess energy away from sensitive components. * **Lightning & ESD Protection:** Used in communication lines and power inputs to protect against induced surges from lightning or electrostatic discharge. * **Voltage Clamping:** It maintains the voltage across a circuit at a safe level during a transient event, preventing insulation breakdown or semiconductor failure. --- ### 3. Construction and Materials The "B" suffix in 15552B often denotes specific tolerances or environmental screening levels (such as JANTX or JANTXV for military use). * **Silicon Junction:** Uses large-area silicon chips to handle high thermal energy during a pulse. * **Passivation:** The junctions are often glass-passivated to ensure long-term stability and resistance to moisture. * **Hermetic Sealing:** Many versions are housed in hermetically sealed metal or ceramic packages to withstand extreme temperatures and vacuum conditions in aerospace. --- ### 4. Implementation Example In a standard DC power protection circuit, the 15552B would be placed in parallel with the load: ```cpp // Logic representation of TVS placement [Power Source] ----+---- [Fuse] ----+---- [Sensitive Load] | | [15552B] [Ground] | [Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage breakdown ratings for the 15552B series?
    • ⤷ Can the 15552B be used in AC power applications?
    • ⤷ How does the 'B' suffix affect the military screening process for this part?