Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1590WKF..

  • AI
    The **1590WKF** refers to a specific model of a rugged, watertight electronic enclosure, primarily manufactured by **Hammond Manufacturing**. It is a popular choice for engineers and DIY hobbyists due to its durability and sealing capabilities. --- ## 1. Technical Specifications The "W" in the model name indicates the **Watertight** version, while "KF" denotes a specific size and the presence of **mounting flanges**. | Feature | Specification | | :--- | :--- | | **Material** | Die-cast Aluminum Alloy (Tough yet easy to machine) | | **Dimensions** | 110mm x 59mm x 31mm (Approx. 4.33" x 2.32" x 1.22") | | **IP Rating** | IP65 (Dust-tight and protected against water jets) | | **Enclosure Type** | Flanged (Built-in brackets for wall or surface mounting) | | **Gasket Material** | Silicone Rubber (High temperature and chemical resistance) | --- ## 2. Key Design Elements ### A. The Flanged Base Unlike the standard 1590B or 1590W models, the **KF** version features a lid with integrated mounting flanges. This allows the unit to be screwed down to a surface (like a vehicle chassis or a wall) without having to open the box or drill through the main compartment. ### B. Watertight Protection * **Lap Joint Construction:** The lid and body meet at a specialized joint designed to house a gasket. * **Silicone Gasket:** Provides a continuous seal that prevents moisture, oil, and dust from reaching the internal electronics. * **Stainless Steel Screws:** The enclosure uses M3.5 x 12mm Philips head screws which are resistant to corrosion. ### C. EMI/RFI Shielding Because the body is made of die-cast aluminum, it naturally acts as a **Faraday Cage**. This protects internal components from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI), which is critical for radio equipment or high-gain audio circuits. --- ## 3. Common Applications The 1590WKF is frequently used in environments where electronics are exposed to the elements: 1. **Stompboxes/Guitar Pedals:** Especially for "outdoor" boards or industrial-style pedal builds. 2. **Marine Electronics:** Small sensor housings for boats. 3. **Industrial Controls:** Housing for PLCs or remote triggers in factories. 4. **IoT Nodes:** Protecting microcontrollers (like ESP32 or Arduino) placed in outdoor or damp locations. --- ## 4. Modification Tips When working with the 1590WKF, keep these electronic assembly tips in mind: ```python # Drill Speed Recommendations for Aluminum def drill_guide(material="Die-cast Aluminum"): if material == "Die-cast Aluminum": return "Use high speed with low pressure to avoid 'grabbing'." # Pro-tip: Use a step-drill bit (Uni-bit) for # cleaner holes for potentiometers and DC jacks. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1590WKF and the standard 1590B model?
    • ⤷ How do I maintain the IP65 rating when drilling holes for cables?
    • ⤷ Are there plastic alternatives to the 1590WKF with similar dimensions?