Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 16144-R

  • AI
    The designation **16144-R** is a specific part number often associated with precision electronic components, most notably high-frequency **transformers** and **inductors** used in telecommunications and power management. ### Part Overview: 16144-R | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Transformer / Inductor | | **Common Manufacturer** | Pulse Electronics (often associated with T1/E1/CEPT/ISDN-PRI applications) | | **RoHS Status** | The "-R" suffix typically denotes **RoHS Compliant** (Lead-Free) | | **Primary Application** | Networking, Telecommunications, and Signal Isolation | --- ### Technical Specifications While exact specs can vary by manufacturer, the 16144-R series generally follows these parameters: 1. **Turns Ratio:** Designed for matching impedance between the line side and the chip side (often 1:1, 1:2, or 1:1.36 depending on the specific sub-variant). 2. **Isolation Voltage:** Typically rated for **1500Vrms** to protect sensitive ICs from high-voltage surges on the line. 3. **Frequency Range:** Optimized for T1/E1 data rates (1.544 Mbps / 2.048 Mbps). 4. **Package Style:** Usually a "Pick and Place" compatible SMT package with 6 to 16 pins. --- ### Common Use Cases * **T1/E1 Interfaces:** Used in routers and switches to interface with digital carrier lines. * **Impedance Matching:** Ensures maximum power transfer and minimum signal reflection between the transmission line and the transceiver. * **DC Isolation:** Prevents DC current from flowing between different stages of a circuit while allowing AC signals (data) to pass. --- ### How to Identify the Variant If you are looking at a physical part, the markings usually follow this convention: * **Brand Logo:** (e.g., Pulse, Halo, or Bourns). * **Date Code:** A 4-digit number (YYWW) representing the year and week of manufacture. * **Suffixes:** Beyond the "R" for RoHS, additional letters may indicate specialized testing or temperature ranges (e.g., Extended Temperature).
    ✨ Follow-up Questions
    • ⤷ Which manufacturer's datasheet are you specifically looking for?
    • ⤷ Are you trying to find a pin-compatible replacement for a 16144-R?
    • ⤷ Is this part being used in a power circuit or a data communication circuit?