Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 162AR1-R

  • AI
    The **162AR1-R** is a specific model of an alphanumeric **LCD (Liquid Crystal Display) module**. It is widely used in industrial equipment, point-of-sale terminals, and DIY electronics due to its reliability and standardized interface. --- ### 1. Key Technical Specifications The part number typically refers to a **16x2 character display** (16 characters per line, 2 lines). | Feature | Specification | | :--- | :--- | | **Display Type** | STN (Super-Twisted Nematic) or FSTN | | **Format** | 16 Characters x 2 Lines | | **Controller** | HD44780 (Industry Standard) or compatible | | **Interface** | 4-bit or 8-bit Parallel | | **Backlight** | Usually LED (Yellow-Green, Amber, or Blue) | | **Supply Voltage** | 5.0V (Standard) or 3.3V (Version dependent) | | **Operating Temp** | -20°C to +70°C | --- ### 2. Pin Configuration (Standard 16-Pin) Most 162AR1-R modules follow the standard HD44780 pinout for easy integration with microcontrollers like Arduino, ESP32, or PIC. | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Power Supply (+5V typically) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus Lines | | 15 | A / LED+ | Backlight Anode (+) | | 16 | K / LED- | Backlight Cathode (-) | --- ### 3. Key Components & Functions * **The Controller (COB):** Usually a "Chip-on-Board" (the black epoxy blob on the back). It translates ASCII commands from your CPU into the pixels shown on the screen. * **Contrast Potentiometer:** This part is not on the LCD itself but is required in your circuit. Pin 3 (VO) needs a variable voltage to make the text visible. * **Current Limiting Resistor:** Essential for the LED backlight (Pins 15/16) to prevent burning out the LEDs if the module doesn't have an internal resistor. --- ### 4. Application Example (Arduino Connection) To use this part with an Arduino, you would use the `LiquidCrystal` library. ```cpp #include // Initialize the library with the numbers of the interface pins // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("162AR1-R Ready"); } void loop() { // Display logic here } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the STN and FSTN versions of this display?
    • ⤷ How do I calculate the resistor value for the LED backlight?
    • ⤷ Can this module be used with an I2C adapter to save pins?