Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 162J10

  • AI
    The code **162J** usually refers to a specific marking on a **Film Capacitor**. To understand this component, we must break down the alphanumeric code into its electrical specifications. ### 1. Decoding "162J" The marking follows a standard industry convention for passive components: | Component Part | Value/Meaning | Explanation | | :--- | :--- | :--- | | **16** | Significant Digits | The first two numbers represent the base value (16). | | **2** | Multiplier | The third number indicates how many zeros to add (10² or 100). | | **J** | Tolerance | Indicates the allowable deviation from the nominal value. | --- ### 2. Electrical Specifications #### **Capacitance Value** The calculation is performed in **Picofarads (pF)**: * $16 \times 10^2 = 1,600 \text{ pF}$ * In alternative units: **1.6 nF** (nanofarads) or **0.0016 µF** (microfarads). #### **Tolerance** The letter **"J"** is a standard tolerance code: * **J = ±5%** * This means the actual capacitance will fall between 1,520 pF and 1,680 pF. --- ### 3. Physical Characteristics and Construction While "162J" defines the electrical value, the physical component usually has the following traits: * **Type:** Typically a **Polypropylene (PP)** or **Polyester (PET)** film capacitor. * **Package:** Radial leaded (box type or "dipped" epoxy coating). * **Voltage Rating:** This is usually printed on a separate line (e.g., 100V, 400V, 630V). If the number "10" follows (as in "162J10"), it may refer to a **100V** rating in some manufacturer-specific coding, or it could be a lot/series number. ### 4. Common Applications Capacitors of this size (1.6nF) are used for precision timing and signal integrity: 1. **Oscillators:** Setting frequencies in radio or clock circuits. 2. **Filtering:** Removing high-frequency noise from signal lines. 3. **Snubber Circuits:** Protecting semiconductors from voltage spikes. 4. **Audio Processing:** Used in tone control or crossover networks due to the high stability of film capacitors. --- ### 5. Summary Table | Parameter | Specification | | :--- | :--- | | **Capacitance** | 1,600 pF / 1.6 nF | | **Tolerance** | ±5% | | **Dielectric** | Film (Polyester/Polypropylene) | | **Common Use** | Tuning, Filtering, Coupling |
    ✨ Follow-up Questions
    • ⤷ How do I determine the voltage rating if it is not explicitly printed?
    • ⤷ What is the difference between a 162J and a 162K capacitor?
    • ⤷ Can I replace a ceramic capacitor with a film capacitor of the same 162J value?