Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 16316-R

  • AI
    The part number **16316-R** is most commonly associated with **Molex / Woodhead** power distribution components, specifically part of their **Power Distribution Blocks (PDBs)** or terminal block series. These are heavy-duty industrial components used to manage high-current electrical connections. --- ### 1. Component Overview The 16316-R is a **Power Terminal Block** (often referred to as a "splicer" block). It is designed to take a large gauge incoming primary wire and distribute it to multiple smaller secondary wires, or simply connect two large conductors safely. ### 2. Technical Specifications Below are the typical specifications for this class of industrial electronic hardware: | Feature | Specification (Typical) | | :--- | :--- | | **Current Rating** | 310 Amperes to 380 Amperes (Load dependent) | | **Voltage Rating** | 600V AC/DC | | **Number of Poles** | 1-Pole (Modular design) | | **Material** | Tin-plated Aluminum (Conductor), Thermoplastic (Base) | | **Flammability Rating** | UL 94 V-0 | | **Mounting Type** | DIN Rail or Screw Mount | --- ### 3. Connection Configuration The "16316" series often features a specific port layout for wiring: * **Line Side (Input):** Usually 1 opening designed for large gauge wire (e.g., 6 AWG to 350 kcmil). * **Load Side (Output):** Usually 1 large opening (Splicer version) or multiple smaller ports for distribution. * **The "-R" Suffix:** Usually denotes **RoHS Compliance**, indicating the part is manufactured without hazardous substances like lead or mercury. ### 4. Key Applications These parts are not typically used on circuit boards (PCBs) but rather in **Electrical Control Panels**: 1. **Industrial Machinery:** Main power entry points for CNC machines or motors. 2. **HVAC Systems:** Distributing power to compressors and fans. 3. **Data Centers:** High-current power distribution units (PDUs). 4. **Renewable Energy:** Solar combiner boxes where multiple strings meet. --- ### 5. Installation Example (Generic Wiring) ```python # Conceptual representation of power flow in 16316-R Input_Power = "350 kcmil Copper Wire" Terminal_Block = "16316-R (Al-Tin Plated)" Output_Power = "350 kcmil Copper Wire (Splicer)" print(f"Transferring 600V from {Input_Power} via {Terminal_Block}") ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque requirement for the 16316-R terminals?
    • ⤷ Are there specific fuse covers available for this power block series?
    • ⤷ Can this block be used with both copper and aluminum wiring?