Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1663129

  • AI
    Based on the part number **1663129**, this typically identifies a specialized **Rotary Potentiometer / Position Sensor** produced by **TE Connectivity** (specifically within their Measurement Specialties line) or associated with heavy-duty machinery (like Caterpillar or industrial HVAC systems). Below is a detailed breakdown of the electronic specifications and characteristics associated with this part. --- ### 1. Component Specifications The 1663129 is generally a precision potentiometer used for sensing angular position. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Rotary Potentiometer / Sensor | | **Resistance Value** | 5k Ohms (Standard) | | **Tolerance** | ±10% to ±20% | | **Rotation Angle** | 340° to 360° (Continuous or with stops) | | **Housing Material** | High-grade Plastic or Die-cast Metal | | **Mounting Type** | Panel Mount / Nut and Washer | | **Termination** | Solder hooks or specialized connector pins | --- ### 2. Key Internal Elements To understand how this part functions, it is important to look at its internal electronics: * **Resistive Element:** Usually made of **Conductive Plastic**. This material provides a smooth output, infinite resolution, and a long life cycle compared to wire-wound types. * **Wiper Assembly:** A multi-finger precious metal contact that moves across the resistive element to vary the voltage output. * **Shaft:** Precision-machined stainless steel or brass to ensure minimal mechanical play (backlash). --- ### 3. Common Applications Due to its durability, this electronic part is frequently found in: 1. **Industrial Controls:** Used as a feedback sensor for valve positions or actuator movements. 2. **Heavy Equipment:** Often used in throttle control or gear selection sensing (Common in Caterpillar/CAT machinery under the same part numbering system). 3. **Marine/Avionics:** Position sensing in harsh environments where vibration resistance is critical. --- ### 4. Comparison of Variants Depending on the specific manufacturer suffix, the part may vary slightly: | Variant | Connection Style | Environmental Rating | | :--- | :--- | :--- | | **Standard 1663129** | Solder Lugs | IP40 (Basic Protection) | | **Sealed Version** | Wire Leads | IP65/67 (Water/Dust Proof) | --- ### 5. Technical Implementation (Example) If you are integrating this into a circuit (like an Arduino or PLC), the wiring logic is as follows: ```cpp // Basic Arduino code to read 1663129 sensor data int sensorPin = A0; // Connected to the center wiper pin int sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Convert 0-1023 to 0-360 degrees float angle = (sensorValue * 360.0) / 1023.0; Serial.println(angle); delay(100); } ```
    ✨ Follow-up Questions
    • Is this part for a specific vehicle or industrial machine?
    • Do you need the pinout diagram for this component?
    • Are you looking for an equivalent replacement or cross-reference part?