1663213
AI

The part number **1663213** most commonly refers to an **Electronic Timing Relay** or a specialized **Solenoid Valve Connector** depending on the manufacturer (primarily associated with industrial automation brands like **Festo** or **Phoenix Contact**).
Below is a technical breakdown of the characteristics typically associated with this part number in the context of industrial electronics.
### Technical Overview: Electronic Timing/Solenoid Interface
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electronic Timer / Plug Connector |
| **Voltage Range** | 24V DC to 230V AC (Model dependent) |
| **Switching Function** | On-delay, Off-delay, or Pulse generating |
| **Mounting Type** | DIN Rail or Plug-on (Form A/B/C) |
| **Material** | Polyamide (PA) / Polycarbonate |
| **Protection Class** | IP65 (Dust-tight and water-resistant) |
---
### Key Internal Components
These electronic parts typically consist of the following internal sub-assemblies:
1. **Potentiometer:** Used for manual adjustment of the time delay settings (ranging from milliseconds to hours).
2. **LED Indicators:** Provide visual feedback on the power status and switching state.
3. **Control Circuitry:** Utilizes integrated circuits (ICs) or microcontrollers to manage precise timing logic.
4. **Varistor/Zener Diode:** Integrated protection against voltage spikes and electromagnetic interference (EMI).
### Common Applications
* **Pneumatic Control:** Delaying the activation of a valve to ensure proper sequencing in a factory line.
* **Motor Protection:** Managing "Star-Delta" starts or preventing rapid cycling.
* **Lighting Systems:** Automated shut-off timers for industrial facility lighting.
---
### Wiring Example (General Logic)
In most electronic relay configurations for this part series, the wiring follows a standard industrial logic:
```c
// Pseudo-logic for Electronic Timer Integration
IF (Input_Signal == HIGH) {
Wait(T_Adjustment); // Set via Potentiometer
Trigger(Output_Relay);
}
```
---
- ⤷
Which specific manufacturer is associated with your version of part 1663213?
- ⤷ Do you need the pinout diagram for this electronic component?
- ⤷ Are you looking for a replacement or a cross-reference for this part?