Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1663271

  • AI
    The part number **1663271** typically refers to a specialized electronic component, most commonly associated with **Caterpillar (CAT)** heavy machinery systems or specific industrial automation sensors. Depending on the manufacturer, this part usually serves as a **Position Sensor** or a **Chassis Control Module component**. --- ### 1. Technical Specifications While exact specs vary by the specific OEM revision, here are the general characteristics for the 1663271 sensor assembly: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Hall Effect Position Sensor / Speed Sensor | | **Operating Voltage** | 5V DC to 24V DC | | **Output Signal** | PWM (Pulse Width Modulation) or Analog | | **Connector Type** | DT Series (usually 3-pin or 6-pin) | | **Housing Material** | High-grade reinforced polymer or Stainless Steel | | **Operating Temp** | -40°C to +125°C | --- ### 2. Common Applications This part is engineered for high-vibration and extreme-temperature environments. It is predominantly used in: * **Hydraulic Systems:** To monitor the position of cylinder rods or valves. * **Transmission Control:** Sensing gear positions or rotational speed to ensure smooth shifting. * **Throttle Position:** Relaying the physical position of an accelerator or lever to the Engine Control Module (ECM). * **Suspension Leveling:** Used in heavy-duty trucks to maintain chassis height. --- ### 3. Electronic Architecture Inside a part like the 1663271, the circuitry usually follows this logic: ```mermaid graph LR A[Magnetic Field/Input] --> B[Hall Effect Element] B --> C[Signal Conditioning IC] C --> D[Output Driver] D --> E[ECM / Controller] ``` 1. **Sensing:** A magnet passes the sensor head, changing the magnetic flux. 2. **Processing:** Internal ASIC (Application Specific Integrated Circuit) filters noise and stabilizes the voltage. 3. **Communication:** The sensor sends a frequency-based signal back to the main computer to prevent signal degradation over long wire harnesses. --- ### 4. Maintenance and Troubleshooting If this part fails, it often triggers specific diagnostic trouble codes (DTCs). Common failure points include: * **Contamination:** Metal shavings sticking to the magnetic tip. * **Wiring Fatigue:** Cracking in the insulation due to heat cycles. * **Corrosion:** Moisture entering the connector pins.
    ✨ Follow-up Questions
    • Is this part number for a specific brand like Caterpillar or Phoenix Contact?
    • What are the common symptoms of a failure in this sensor?
    • How do I test the pinout of a 1663271 sensor using a multimeter?