Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1663705

  • AI
    Based on technical databases and industry sourcing, the part number **1663705** most commonly refers to a high-precision **Chassis Mount Power Resistor**, typically manufactured by brands like **TE Connectivity** or **Arcol** (often under the HS Series). Below is a detailed breakdown of the electronic specifications and applications for this component. ### 1. Technical Specifications This part is a wirewound resistor housed in an aluminum casing, designed for high power dissipation when mounted to a heatsink. | Parameter | Typical Value | | :--- | :--- | | **Resistance** | 100 Ohms (Ω) | | **Power Rating** | 25 Watts (on heatsink) | | **Tolerance** | ±5% | | **Construction** | Wirewound with Anodized Aluminum Enclosure | | **Termination Style** | Solder Lug / Axial | | **Temperature Coefficient** | ±25 ppm/°C to ±50 ppm/°C | --- ### 2. Key Features * **Thermal Management:** The aluminum housing is finned to maximize surface area, allowing the part to handle high wattages without melting, provided it is bolted to a metal chassis. * **Stability:** Wirewound construction ensures high stability and reliability over long periods of operation. * **Environmental Protection:** Usually rated for high vibration environments and encapsulated in a silicone or epoxy compound to protect against moisture. --- ### 3. Common Applications These parts are industrial-grade and are rarely found in consumer handheld electronics. They are used in: 1. **Braking Resistors:** Used in motor control systems to dissipate regenerated energy. 2. **Inrush Current Limiters:** Protecting circuits from power surges during startup. 3. **Dummy Loads:** Testing power supplies by simulating a load. 4. **LED Load Resistors:** Used in automotive upgrades to prevent "hyper-flash" by simulating the power draw of a standard bulb. --- ### 4. Cross-Reference & Manufacturers | Manufacturer | Series / Part Number | | :--- | :--- | | **TE Connectivity** | HSC25100RJ (Common match for 1663705) | | **Arcol** | HS25 100R J | | **Vishay** | RH025 Series | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wirewound resistor and a thick film resistor?
    • ⤷ Does this resistor require thermal paste when mounting to a chassis?
    • ⤷ How do I calculate if a 25W resistor is sufficient for my circuit?