Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 17618

  • AI
    The part number **17618** is most commonly associated with automotive electrical components, specifically **Oxygen (O2) Sensors** and **Fuel Pump Assemblies**. Below is a detailed breakdown of the electronic specifications and functions for these parts. --- ## 1. Oxygen (O2) Sensor (Bosch Part #17618) The most frequent reference for "17618" in electronics is the Bosch Oxygen Sensor. This is a critical feedback sensor for a vehicle's Engine Control Unit (ECU). ### Technical Specifications | Feature | Description | | :--- | :--- | | **Sensor Type** | Thimble-type (Zirconia) | | **Wiring** | 4-Wire System (Heated) | | **Connector Type** | Male plug with locking tab | | **Function** | Measures oxygen content in exhaust gases | | **Heater Element** | Integrated ceramic heater to reach operating temp quickly | ### Electronic Principles * **Voltage Generation:** The sensor acts like a galvanic cell. When the sensor reaches approximately 600°F (316°C), it generates a voltage (0.1V to 0.9V) based on the oxygen differential between the exhaust and outside air. * **Closed-Loop System:** The ECU reads this voltage to adjust the fuel injector pulse width, maintaining the stoichiometric ratio (14.7:1). * **Heating Circuit:** Two of the four wires are dedicated to a heating element, which reduces cold-start emissions by bringing the sensor to "light-off" temperature faster. --- ## 2. Fuel Pump Assembly (Airtex/Carter #E17618) Another common electronic component under this number is the fuel delivery module. ### Component Breakdown 1. **Electric Motor:** A DC brushed motor that drives the turbine/impeller. 2. **Fuel Level Sensor:** A variable resistor (rheostat) connected to a float. As fuel levels change, the resistance changes, sending a specific voltage signal to the fuel gauge. 3. **Pressure Regulator:** Maintains constant fuel pressure across the electronic fuel injectors. --- ## 3. Comparison of Electronic Functions | Component | Signal Type | Power Requirements | Primary Electronic Failure | | :--- | :--- | :--- | :--- | | **O2 Sensor** | Analog Voltage (0-1V) | 12V (Heater only) | Fouled tip or heater circuit open | | **Fuel Pump** | PWM / DC Current | 12V / 5-10 Amps | Commutator wear or motor burnout | | **Level Sender** | Ohms (Resistance) | 5V Reference | Worn resistive tracks | --- ### Installation Notes for Electronics * **Voltage Sensitivity:** Always disconnect the battery when replacing the O2 sensor to prevent surges to the ECU. * **Dielectric Grease:** Use only on the external connector pins to prevent corrosion; never get grease on the sensor tip (poisoning).
    ✨ Follow-up Questions
    • ⤷ How do you test the resistance of the heater circuit on a 17618 O2 sensor?
    • ⤷ What are the symptoms of a failing fuel pump level sensor?
    • ⤷ What is the difference between a 4-wire and 5-wire oxygen sensor?