Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 181-059

  • AI
    Based on technical specifications for industrial electronic components, the part number **181-059** typically refers to a **Slotted Wiring Duct** (also known as a finger duct or cable trunking) produced by manufacturers like **HellermannTyton**. --- ## 1. Component Overview Wiring ducts are essential protective enclosures used to organize and route cables within electrical control panels, server racks, and industrial machinery. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Material** | Polyvinylchloride (PVC) | | **Type** | Slotted Wall (Finger Duct) | | **Color** | Gray (Standard) | | **Dimensions** | 1" x 3" (Approx. 25.4mm x 76.2mm) | | **Length** | Typically 6 feet (1.83 meters) | | **Flammability** | UL94 V-0 (Self-extinguishing) | --- ## 2. Key Features * **Slotted Wall Design:** The "fingers" on the side allow wires to be routed in and out at any point along the run without cutting the duct. * **Score Lines:** Most 181-059 models feature score lines at the base of the fingers, making it easy to snap off sections to create larger openings for cable bundles. * **Non-Slip Cover:** The lid (sold separately or as a kit) is designed to stay securely in place even under vibration or when mounted vertically. * **Lead-Free PVC:** Complies with environmental standards for safety in industrial environments. --- ## 3. Applications The 181-059 series is commonly found in the following setups: 1. **Industrial Control Panels:** Managing the high density of wiring between PLCs, relays, and terminal blocks. 2. **Telecommunications:** Organizing patch cables in data centers. 3. **Automation Racks:** Protecting sensitive signal wires from physical damage and reducing electromagnetic interference (EMI) through neat routing. --- ## 4. Installation Tips ```bash # General Installation Steps 1. Measure the mounting surface and cut the duct using a duct cutter. 2. Mount the duct using the pre-drilled mounting holes in the base. 3. Route cables through the slots. 4. Snap on the 1-inch wide cover (Part #181-00000 or similar) to secure wires. ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible cover part numbers for the 181-059 duct?
    • ⤷ Are there halogen-free versions available for high-heat environments?
    • ⤷ What is the maximum cable fill capacity for a 1x3 inch duct?