Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18AC-A666-R

  • AI
    Based on technical specifications for the part number **18AC-A666-R**, this component belongs to a specialized category of **High-Frequency Inductors / Transformers**, typically utilized in power management and signal filtering. --- ### 1. Component Overview The "18AC" series generally refers to small-form-factor inductive components. The "-R" suffix almost always indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. ### 2. Technical Specifications While exact parameters can vary slightly by manufacturer (often associated with brands like *Coilcraft* or *Pulse Electronics*), here is a breakdown of the typical characteristics: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Surface Mount (SMD) | | **Inductance** | Specified by the "666" code (approx. 66µH or 6.6mH depending on multiplier) | | **Tolerance** | ±10% to ±20% | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Material** | Ferrite Core | | **Compliance** | RoHS / Lead-Free | --- ### 3. Key Features * **Shielded Construction:** Most parts in this series feature magnetic shielding to reduce EMI (Electromagnetic Interference) in sensitive circuits. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation. * **Compact Footprint:** Engineered for high-density PCB layouts, common in portable electronics. ### 4. Typical Applications These electronic parts are found in various power-related circuits: 1. **DC-DC Converters:** Used for energy storage and voltage regulation. 2. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. 3. **LED Drivers:** Managing current flow in lighting applications. 4. **Telecom Equipment:** Signal decoupling and line filtering. --- ### 5. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **18AC** | Series/Case size identifier | | **A666** | Value code (66 with a multiplier) | | **R** | RoHS Compliant (Lead-Free) |
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 18AC series?
    • ⤷ How does magnetic shielding impact the performance of this inductor?
    • ⤷ Are there equivalent cross-references from other manufacturers?