Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18AS2-32-R

  • AI
    Based on the technical nomenclature commonly used in the electronics industry (specifically for timing components), the part number **18AS2-32-R** typically refers to a **Quartz Crystal** or **Crystal Oscillator**. Below is a detailed breakdown of its specifications and components. --- ## 1. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal Unit | | **Fundamental Frequency** | 32.000 MHz | | **Package Type** | Surface Mount Device (SMD) | | **Standard Package Size** | HC-49/US (or similar low-profile metal can) | | **Load Capacitance** | 18 pF (denoted by "18") | | **RoHS Status** | Compliant (denoted by "R") | --- ## 2. Part Number Breakdown The alphanumeric code provides specific instructions for the manufacturer and engineer: * **18**: Represents the **Load Capacitance**. In this case, it is 18 picofarads (pF). This value is critical for the oscillation circuit to stay within the desired frequency tolerance. * **AS**: Usually designates the series or package style (often "HC-49/S" or "HC-49/US" short-profile metal casing). * **2**: Often refers to the frequency stability or temperature range (specific to the manufacturer's datasheet, typically ±30ppm). * **32**: Specifies the **Nominal Frequency**, which is 32.000 MHz. * **R**: Stands for **RoHS Compliant** or **Tape & Reel** packaging, indicating environmental standard adherence. --- ## 3. Key Electronic Functions ### Frequency Generation The primary role of the 18AS2-32-R is to provide a stable clock signal for microcontrollers, FPGAs, or communication ICs. It utilizes the **piezoelectric effect**, where mechanical vibrations in the quartz crystal are converted into a precise electrical signal. ### Circuit Integration To function correctly, this part is usually paired with: 1. **Two Load Capacitors:** Connected to ground to match the "18pF" rating. 2. **An Inverting Amplifier:** Usually built into the microcontroller's "OSC_IN" and "OSC_OUT" pins. --- ## 4. Common Applications * **Consumer Electronics:** Laptops, digital cameras, and smart appliances. * **Data Communication:** Ethernet controllers and USB hubs. * **Industrial:** Embedded systems requiring a stable 32MHz timing reference.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 18pF load capacitance in a crystal circuit?
    • ⤷ How do I calculate the external capacitors needed for this 32MHz crystal?
    • ⤷ What are the physical dimensions of an HC-49/US package?