Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18AS2-G6-R

  • AI
    The **18AS2-G6-R** is a specific part number typically associated with **RJ45 Modular Jacks** used in networking hardware. These components are surface-mount or through-hole connectors designed to facilitate Ethernet connectivity on Printed Circuit Boards (PCBs). ### Component Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Modular Jack / Ethernet Connector | | **Interface** | RJ45 (8P8C - 8 Positions, 8 Contacts) | | **Mounting Type** | Right Angle, Through-Hole (usually) | | **Shielding** | Shielded (Metal housing for EMI protection) | | **LED Configuration** | Integrated LEDs (Green/Yellow common for link/activity) | | **Magnetic Integration** | Internal Magnetics (Transformers) for signal conditioning | --- ### Key Technical Features #### 1. Integrated Magnetics Unlike a simple mechanical jack, this part includes internal **magnetic transformers**. These serve three critical functions: * **Isolation:** Protects the equipment from high-voltage spikes on the network cable. * **Impedance Matching:** Ensures maximum power transfer between the cable and the PHY chip. * **Noise Suppression:** Filters out Common Mode noise to maintain signal integrity. #### 2. Shielding and Grounding The "R" suffix often denotes **RoHS compliance**, and the metal shell provides a path to the chassis ground. This is vital for preventing Electromagnetic Interference (EMI) from affecting the high-speed data signals inside the connector. #### 3. LED Indicators The "G6" part of the nomenclature often refers to the color or configuration of the built-in Light Emitting Diodes. These allow engineers to provide visual feedback (Power, Link, and Data Activity) without needing separate LEDs on the front panel of the device. --- ### Common Applications * **Networking Gear:** Switches, routers, and hubs. * **Industrial PC:** Embedded systems requiring Ethernet ports. * **Consumer Electronics:** Smart TVs, game consoles, and set-top boxes. * **IoT Gateways:** Devices requiring a hardwired internet connection for stability. --- ### Schematic Symbol & Footprint Considerations When designing a PCB for this part, you must account for: * **Mechanical Tabs:** Shield tabs that require soldering for structural stability. * **Pin Pitch:** The specific spacing between the signal pins and LED pins. * **Keep-out Zones:** Areas under the jack where no high-speed traces should run due to potential interference.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the integrated LEDs?
    • ⤷ Does this part support Power over Ethernet (PoE)?
    • ⤷ Can you provide a cross-reference for an equivalent part from Molex or TE Connectivity?