Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18AT-11-R

  • AI
    The **18AT-11-R** is a specific part number typically associated with **RF (Radio Frequency) Attenuators**, often manufactured by companies like **Mini-Circuits** or similar electronic component specialists. ### 1. General Identification The part is a **Fixed Attenuator**. Its primary purpose is to reduce the power of a signal by a specific amount (measured in Decibels, dB) without significantly distorting its waveform. --- ### 2. Technical Specifications Based on standard industry naming conventions for this series, here are the likely technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Attenuation Value** | 11 dB | | **Frequency Range** | DC to 18 GHz (indicated by the "18") | | **Impedance** | 50 Ohms | | **Connector Type** | SMA (Male to Female configuration) | | **Power Rating** | Usually 2 Watts (at 25°C) | | **VSWR** | Low (typically < 1.35:1 up to 18 GHz) | --- ### 3. Key Features * **Precision Attenuation:** Provides a stable 11 dB drop in signal strength across a very wide frequency spectrum. * **Broadband Performance:** Capable of handling frequencies from Direct Current (0 Hz) up to 18 GHz, making it suitable for high-speed satellite and microwave communication. * **Rugged Construction:** Usually features a stainless steel body and passivated finish for durability in laboratory or field environments. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards. --- ### 4. Common Applications Attenuators like the 18AT-11-R are used in several critical scenarios: 1. **Level Matching:** Adjusting signal levels between different stages of an RF circuit to prevent saturation. 2. **Circuit Protection:** Placed before sensitive measurement equipment (like Spectrum Analyzers) to protect the input from high power levels. 3. **Impedance Matching:** Improving the "match" between two mismatched components to reduce signal reflections. --- ### 5. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature usually follows this logic: * **18**: Maximum Frequency (18 GHz). * **AT**: Attenuator. * **11**: Attenuation Value (11 dB). * **R**: RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fixed attenuator and a variable attenuator?
    • ⤷ How does an attenuator affect the Signal-to-Noise Ratio (SNR)?
    • ⤷ Can this part be used in high-power transmitter applications above 2 Watts?