Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18AT-13-R

  • AI
    The **18AT-13-R** is a specific electronic component, most commonly associated with **Diodes Incorporated**. It is a **Schottky Barrier Diode** housed in a SOD-123 package, designed for high-efficiency rectification and freewheeling applications. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the 18AT-13-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Metal-semiconductor junction | | **Max Forward Current ($I_F$)** | 1.0 A | Average rectified output current | | **Max Reverse Voltage ($V_{RRM}$)** | 80 V | Peak repetitive reverse voltage | | **Forward Voltage Drop ($V_F$)** | ~0.70 V | Typical voltage loss at 1.0 A | | **Package Type** | SOD-123 | Surface mount (SMD) small outline | | **Operating Temp** | -65°C to +150°C | Robust thermal range | --- ### 2. Major Features * **Low Forward Voltage:** Schottky technology allows for lower power loss compared to standard silicon diodes. * **Fast Switching:** Extremely low reverse recovery time ($t_{rr}$), making it ideal for high-frequency circuits. * **Guard Ring Die Construction:** Provides transient protection and enhances reliability against voltage spikes. * **Green Molding:** Usually lead-free and RoHS compliant (the "R" suffix often denotes 13-inch reel packaging). --- ### 3. Common Applications Due to its small footprint and high efficiency, the 18AT-13-R is used in: 1. **DC-DC Converters:** Used as a catch diode to maintain current flow during switching transitions. 2. **Polarity Protection:** Prevents damage to a circuit if a battery or power supply is connected backward. 3. **Low Voltage Rectification:** Converting AC-like signals to DC in battery-powered devices. 4. **Signal Clamping:** Protecting sensitive logic gates from overvoltage. --- ### 4. Package Dimensions (SOD-123) The SOD-123 package is a standard surface-mount footprint. * **Length:** ~2.65 mm * **Width:** ~1.60 mm * **Height:** ~1.15 mm * **Mounting:** It requires a solder pad layout on a PCB (Printed Circuit Board).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode and a standard Zener diode?
    • ⤷ How does the '13' in the part number relate to the tape and reel packaging?
    • ⤷ Can this diode be used in high-power AC-DC rectification?