Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18AT-33-R

  • AI
    The **18AT-33-R** is a specific technical component primarily associated with **RF (Radio Frequency) and Microwave attenuation**. Specifically, it is a chip attenuator designed for high-frequency signal management. --- ### 1. General Specifications The "18AT" series typically refers to fixed-value attenuators designed for surface-mount applications. Below is a breakdown of the technical characteristics associated with this part number: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Chip Attenuator | | **Attenuation Value** | 33 dB | | **Impedance** | 50 Ohms | | **Frequency Range** | DC to 12.4 GHz (varies by specific series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Style** | Ceramic or Alumina substrate with thin-film resistor | --- ### 2. Physical and Material Construction The 18AT-33-R is engineered to handle high frequencies without introducing significant signal distortion or VSWR (Voltage Standing Wave Ratio) issues. * **Substrate:** Usually high-quality Alumina ($Al_2O_3$), which provides excellent thermal conductivity and electrical insulation. * **Resistive Element:** Utilizes **Thin Film technology** (usually Tantalum Nitride or Nichrome) to ensure precise resistance and stability over a wide temperature range. * **Terminations:** The "-R" suffix often indicates **RoHS Compliance** (Lead-free) with wrap-around terminations (usually Nickel/Tin over Gold or Silver) for easy soldering. --- ### 3. Functional Applications This component is used to reduce the power of a signal without appreciably distorting its waveform. Key uses include: 1. **Level Control:** Reducing signal strength to match the input requirements of sensitive components (like mixers or amplifiers). 2. **Impedance Matching:** Improving the "match" between two circuits to prevent signal reflections. 3. **Isolation:** Providing a buffer between stages in an RF chain to prevent unwanted oscillations or interference. 4. **Testing:** Used in measurement setups where high-power signals need to be dropped to a level safe for spectrum analyzers. --- ### 4. Key Performance Metrics When integrating the 18AT-33-R, engineers look at the following parameters: * **Attenuation Accuracy:** How close the actual reduction is to 33 dB (usually within ±0.5 dB). * **Power Rating:** The maximum wattage (typically 100mW to 2W) it can dissipate as heat without failing. * **VSWR:** A measure of how much signal is reflected back to the source (ideally < 1.35:1 for this frequency class). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the 18AT series attenuators?
    • ⤷ How does thin-film technology differ from thick-film in RF applications?
    • ⤷ Can this component be used in 75-ohm systems?