Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18AT-85-R

  • AI
    The **18AT-85-R** is a specific model of an **RF Fixed Attenuator**. These components are critical in radio frequency (RF) circuits to reduce the power of a signal without significantly distorting its waveform. --- ### 1. Technical Specifications Based on standard industry nomenclature for this series, here are the primary technical characteristics: | Feature | Specification | |:---|:---| | **Component Type** | Fixed Coaxial Attenuator | | **Attenuation Value** | 85 dB (Approximate, varies by sub-series) | | **Frequency Range** | DC to 18 GHz (Typical) | | **Impedance** | 50 Ohms | | **Connector Type** | SMA (Male/Female standard) | | **Power Rating** | Usually 2 Watts (Average) | --- ### 2. Core Functions The 18AT-85-R serves three main purposes in an electronic system: 1. **Power Level Control**: It reduces high-strength signals to a level compatible with sensitive measurement equipment (like spectrum analyzers) to prevent "clipping" or damage. 2. **Impedance Matching**: It improves the "look-back" impedance between two circuits, reducing signal reflections (VSWR) and improving overall system stability. 3. **Isolation**: It provides a buffer between stages of an RF chain to prevent unwanted feedback or interaction between components. --- ### 3. Construction and Materials The "R" suffix often denotes **RoHS Compliance**, meaning the part is manufactured without hazardous materials like lead. * **Housing**: Usually stainless steel or gold-plated brass for durability and shielding. * **Dielectric**: PTFE (Teflon) is commonly used to maintain signal integrity at high frequencies. * **Resistive Element**: Thin-film or thick-film resistors integrated into a coaxial structure to ensure a flat frequency response. --- ### 4. Application Examples * **Testing & Measurement**: Protecting the input ports of expensive lab gear. * **Telecommunications**: Adjusting signal strength in cellular base stations. * **Satellite Comms**: Managing gain stages in transponders.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fixed attenuator and a variable attenuator?
    • ⤷ How do I calculate the output power if I use an 85dB attenuator?
    • ⤷ Does this component require a specific heat sink for 2W operation?