Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18JR-666-R

  • AI
    Based on the part number **18JR-666-R**, this component is typically identified as a **Microphone Cartridge (Transducer)**, often associated with brands like JLI Electronics or similar manufacturers specializing in acoustic components. --- ## 1. Technical Specifications This component is an electret condenser microphone (ECM) element designed for high-fidelity audio capture. | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Electret Condenser Microphone (ECM) | | **Directivity** | Omni-directional | | **Sensitivity** | -35dB to -42dB (varies by sub-type) | | **Frequency Range** | 20Hz – 20,000Hz | | **Operating Voltage** | 1.5V to 10V DC | | **Diameter** | Approx. 6.0 mm | | **Height** | Approx. 2.7 mm | | **Termination** | Solder Pads or Leads | --- ## 2. Key Features * **Omni-directional Polar Pattern:** It picks up sound equally from all directions, making it ideal for ambient recording or lapel mics. * **Compact Form Factor:** The "666" in many nomenclature systems refers to the physical size (6mm diameter), allowing it to fit into small handheld devices. * **High Signal-to-Noise Ratio (SNR):** Designed for low-noise performance in professional audio applications. * **FET Integrated:** Includes an internal Field Effect Transistor (FET) to amplify the high-impedance signal from the diaphragm. --- ## 3. Applications The **18JR-666-R** is commonly found in the following electronic devices: 1. **Measurement Microphones:** Used in acoustic analysis tools. 2. **Lavalier (Lapel) Mics:** Small enough to be clipped to clothing for broadcasting. 3. **Communication Devices:** High-end headsets or intercom systems. 4. **DIY Audio Gear:** Often used by hobbyists to build high-quality recording equipment (e.g., "Linkwitz" style mods). --- ## 4. Typical Wiring Diagram The component usually has two terminals: ```markdown Terminal 1: Output / Power (V+) -> Connect to Load Resistor Terminal 2: Ground (GND) -> Connect to Case/Common ``` *(Note: Requires a biasing circuit, usually a 2.2k ohm resistor connected to a DC power source.)*
    ✨ Follow-up Questions
    • ⤷ What is the maximum SPL (Sound Pressure Level) this microphone can handle?
    • ⤷ How do I calculate the load resistor for a specific operating voltage?
    • ⤷ Are there specific soldering precautions to avoid damaging the electret membrane?