Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18KPR-13-R

  • AI
    The **18KPR-13-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Pressure Sensor** or a specialized **Pressure Switch/Transducer**. Below is a detailed breakdown of its characteristics, specifications, and typical applications. --- ## 1. Component Overview The "18KPR" series is often associated with high-precision pressure sensing. These devices convert physical pressure into an electrical signal (analog or digital) or act as a threshold switch to protect circuits. ### Key Specifications (Typical) | Feature | Description | | :--- | :--- | | **Part Number** | 18KPR-13-R | | **Type** | Pressure Sensor / Pressure Switch | | **Mounting Type** | Surface Mount (SMD) | | **Output Type** | Ratiometric Analog or Digital (Depending on specific IC) | | **Pressure Range** | Varies by sub-model (often high-range/industrial) | | **Packaging** | Tape & Reel ("-R" suffix) | --- ## 2. Technical Characteristics ### Physical Construction * **Diaphragm:** Usually contains a micro-machined silicon pressure sensor (MEMS). * **Housing:** High-temperature plastic or metal casing designed to withstand reflow soldering temperatures. * **Porting:** May feature a small hole or "port" to allow air or fluid to reach the sensing element. ### Electrical Interface * **Supply Voltage:** Commonly operates at **3.3V or 5V DC**. * **Signal Conditioning:** Includes internal CMOS amplification and temperature compensation to ensure accuracy across different environments. * **The "-R" Suffix:** This strictly denotes the packaging format—**Tape and Reel**. This is standard for automated "Pick and Place" assembly lines in high-volume manufacturing. --- ## 3. Applications The 18KPR-13-R is generally found in industries requiring compact, reliable pressure monitoring: 1. **Medical Devices:** CPAP machines, oxygen concentrators, or blood pressure monitors. 2. **Industrial Automation:** Pneumatic control systems and leak detection. 3. **Consumer Electronics:** Smart appliances (washing machines) or drones (altimeter functions). 4. **Automotive:** Manifold absolute pressure (MAP) or tire pressure monitoring systems (TPMS). --- ## 4. Design Considerations for Engineers If you are integrating this part into a PCB design: * **Footprint:** Ensure the landing pattern matches the specific SMD dimensions to avoid solder bridging. * **Environmental Protection:** If sensing liquids, ensure the "13-R" variant is rated for media compatibility (e.g., gel-protected). * **Bypass Capacitors:** Place a 0.1µF capacitor close to the VDD pin to filter out electrical noise that could affect pressure readings. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range in bar or PSI for the 18KPR-13-R?
    • ⤷ Are there specific pinout diagrams available for this SMD package?
    • ⤷ Is this sensor compatible with corrosive gas environments?