Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18KPR-21-R

  • AI
    The part number **18KPR-21-R** typically refers to a high-voltage, high-current **Automotive Relay** or a specialized **High-Voltage Contactor**, often used in Electric Vehicle (EV) systems or industrial power management. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This component is designed to handle high DC voltages, common in battery packs and charging systems. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | High Voltage DC Relay / Contactor | | **Coil Voltage** | 12V DC or 24V DC (Model dependent) | | **Max Switching Voltage** | Up to 450V - 1000V DC | | **Continuous Current** | ~20A - 50A (Based on series rating) | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Mounting Type** | PCB Mount or Bolt-on | --- ### 2. Key Internal Components To manage high-power switching, the 18KPR-21-R utilizes specific internal mechanisms: * **Arc Extinguishing Chamber:** High-voltage DC creates intense "arcs" when contacts open. This part contains a ceramic or gas-filled chamber to quench the arc quickly to prevent terminal melting. * **Polarized Magnet:** Many "R" suffix models use permanent magnets to "blow out" the electric arc away from the contacts, increasing the lifespan of the relay. * **Contact Material:** Usually a Silver-Tin Oxide (AgSnO2) alloy, which provides a balance between conductivity and resistance to welding under high inrush currents. --- ### 3. Pinout & Connection Logic The device usually features four main connection points: 1. **Coil Terminals (+/-):** Low power side. When energized, it creates a magnetic field to close the high-power circuit. 2. **Load Terminals (COM/NO):** High power side. These are heavy-duty pins designed to carry the main battery or motor current. --- ### 4. Common Applications Due to its robust design, the 18KPR series is frequently found in: * **EV Charging Stations:** Controlling the flow of power from the grid to the vehicle battery. * **Battery Management Systems (BMS):** Serving as a safety disconnect in case of a short circuit or overcharge. * **Solar Inverters:** Managing high-voltage DC input from solar arrays. * **DC Power Supplies:** Industrial-grade power distribution. --- ### 5. Technical Precautions * **Polarity Sensitivity:** If the relay is "Polarized," the load must be connected in the correct direction (+ to -) for the arc-extinguishing magnets to work. * **Coil Suppression:** It is recommended to use a flyback diode or varistor across the coil pins to prevent voltage spikes from damaging the driving microcontroller.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum switching current for the 18KPR-21-R?
    • ⤷ Does this relay require a specific orientation for the arc-blowout magnets?
    • ⤷ What is the typical coil power consumption for this series?