Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18KPR-23-R

  • AI
    The **18KPR-23-R** is a specific model of a **Slip Ring**, a device used to transmit power and signals from a stationary structure to a rotating one. These components are essential in electromechanical systems where continuous rotation is required without tangling wires. --- ### 1. Technical Specifications Below are the typical technical parameters for the 18KPR-23-R series: | Feature | Specification | | :--- | :--- | | **Number of Circuits** | 18 Channels (Rings) | | **Current Rating** | Usually 2A per circuit | | **Voltage Rating** | 240 VAC / VDC | | **Dielectric Strength** | 500VAC @ 50Hz, 60s | | **Insulation Resistance** | 1000M$\Omega$ / 500VDC | | **Operating Speed** | 0 - 300 RPM | | **Contact Material** | Gold-to-Gold | | **Housing Material** | Engineering Plastics / Aluminum | --- ### 2. Key Electronic Components #### A. The Rotor and Stator * **Rotor:** The rotating part, which typically features 18 conductive rings insulated from each other. * **Stator:** The stationary part, housing the brush blocks that maintain contact with the rings. #### B. Gold-to-Gold Contacts The "R" in the suffix often implies a refined contact surface. Using gold plating for both the brushes and the rings ensures: * **Low Electrical Noise:** Essential for transmitting sensitive data signals. * **Corrosion Resistance:** Prevents oxidation that could lead to signal loss. * **Long Lifespan:** Minimizes friction wear during rotation. #### C. Wiring Interface The unit uses color-coded lead wires (typically UL-certified Teflon or PVC). Each of the 18 circuits is isolated to prevent cross-talk, making it suitable for both DC power and low-frequency control signals (like RS232/RS485). --- ### 3. Application Use Cases Due to its 18-circuit capacity and compact design, it is commonly found in: 1. **CCTV Systems:** Providing 360° continuous rotation for Pan-Tilt-Zoom (PTZ) cameras. 2. **Robotics:** Connecting sensors and actuators on a rotating robot arm. 3. **Medical Equipment:** Rotating display screens or surgical lighting. 4. **Wind Turbines:** Small-scale turbines for signal transmission between blades and the controller. --- ### 4. Installation Diagram Concept ```text [ Stationary Side ] <---- Lead Wires ----> [ Rotating Side ] (Stator) (Rotor) | | [ Brushed ] ------- Physical Contact ------ [ Rings ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum signal frequency supported by gold-to-gold contacts in this model?
    • ⤷ How do you calculate the torque requirements for an 18-circuit slip ring?
    • ⤷ Are there waterproof (IP65/IP67) versions of the 18KPR-23-R?