Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18PR-11-R

  • AI
    The **18PR-11-R** is a specific model of a **Miniature Photocell (Photoresistor) Sensor**, typically used in light-sensing applications. It is part of a broader category of Light Dependent Resistors (LDRs) designed for precision and reliability in compact electronic circuits. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the 18PR series sensors: | Parameter | Specification | | :--- | :--- | | **Type** | CdS (Cadmium Sulfide) Photocell | | **Peak Spectral Response** | ~540 nm (Visible Light Spectrum) | | **Light Resistance (at 10 Lux)** | Approx. 10kΩ – 20kΩ | | **Dark Resistance (Min)** | 1.0 MΩ (after 10 seconds in darkness) | | **Max Voltage** | 150 VDC | | **Power Dissipation** | 100 mW | | **Operating Temperature** | -30°C to +70°C | --- ### 2. Physical Construction The "18PR" designation often refers to the physical size and epoxy coating style: - **Sensor Diameter:** Typically 5mm to 7mm. - **Coating:** Clear epoxy resin for environmental protection. - **Lead Material:** Tinned oxygen-free copper. - **Substrate:** Ceramic base for heat dissipation and stability. --- ### 3. Working Principle The 18PR-11-R operates based on the principle of **Photoconductivity**: 1. **Light Absorption:** When photons hit the CdS surface, electrons are excited into the conduction band. 2. **Resistance Drop:** As light intensity increases, the resistance of the component decreases significantly. 3. **Signal Conversion:** In a circuit, this change in resistance is usually converted into a voltage change using a **Voltage Divider** circuit. ### 4. Typical Application Circuit To use the 18PR-11-R with a microcontroller (like an Arduino), a simple voltage divider is used: ```cpp // Example: Reading light levels via 18PR-11-R int sensorPin = A0; // Connected to the divider output int sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); Serial.println(sensorValue); // Higher value = More light delay(500); } ``` --- ### 5. Common Applications * **Automatic Lighting:** Street lamps or night-lights that turn on at dusk. * **Security Systems:** Detecting a beam break or a room light turning on. * **Industrial Controls:** Counting objects on a conveyor belt by sensing light interruption. * **Display Dimming:** Adjusting screen brightness based on ambient light levels.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific resistor value for a voltage divider using the 18PR-11-R?
    • ⤷ What are the environmental limitations of CdS sensors compared to Photodiodes?
    • ⤷ Is the 18PR-11-R RoHS compliant given its Cadmium content?