Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 18PR-12-R

  • AI
    The **18PR-12-R** is a specific component typically found in the category of **Industrial Terminals** or **Wire Connectors**, specifically identifying as a **Vinyl Insulated Ring Terminal** designed for high-reliability electrical connections. --- ## 1. Technical Specifications The part number is structured to define its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Wire Gauge (AWG)** | 22 - 18 AWG | | **Stud Size** | #12 (M5.5 equivalent) | | **Insulation Material** | Vinyl (PVC) | | **Terminal Body** | Copper (Tin Plated) | | **Color Code** | Red (Industry standard for 22-18 AWG) | | **Temperature Rating** | Up to 105°C (221°F) | | **Voltage Rating** | 600V Max | --- ## 2. Component Composition This electronic part consists of three primary elements: ### A. The Ring Tongue The circular metal end is designed to fit over a #12 screw or stud. The ring design is safer than spade terminals because the connection cannot be broken unless the screw is completely removed. ### B. The Barrel This is the portion where the stripped wire is inserted. It features a "butted seam" or brazed construction. High-quality versions often have internal serrations to provide a firm grip on the wire strands after crimping. ### C. The Insulation Sleeve The **Red Vinyl** sleeve serves two purposes: 1. **Protection:** It prevents accidental short-circuiting between adjacent terminals. 2. **Strain Relief:** It provides support to the wire at the point of the crimp, reducing the risk of wire breakage due to vibration. --- ## 3. Common Applications * **Control Panels:** Wiring PLCs or relays to terminal blocks. * **Automotive Electronics:** Connecting ground wires to a chassis or battery terminal. * **Marine Equipment:** Used in environments where tin plating is required to prevent corrosion. * **Power Supplies:** Securing output leads to screw-down terminals. --- ## 4. Installation Best Practices To ensure a reliable electronic connection, follow these steps: 1. **Strip:** Remove approximately 1/4 inch of insulation from the 22-18 AWG wire. 2. **Insert:** Push the wire into the barrel until the insulation hits the internal wire stop. 3. **Crimp:** Use a calibrated crimping tool specifically designed for **Insulated Terminals**. 4. **Verify:** Perform a "tug test" to ensure the wire is mechanically secure.
    ✨ Follow-up Questions
    • ⤷ What are the differences between vinyl and nylon insulation for this part?
    • ⤷ How do I choose the correct crimping tool for 18PR-12-R?
    • ⤷ What are the alternatives to ring terminals for high-vibration environments?