Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 19CBZ-R2

  • AI
    The **19CBZ-R2** is a specific technical identifier typically associated with **refrigerator control boards** and **PCB assemblies**, most commonly used in appliances manufactured by brands like **Haier** or **Casper**. Below is a detailed breakdown of the electronic components and technical specifications associated with this part. --- ## 1. Core Technical Specifications The 19CBZ-R2 serves as the "brain" of the appliance. It manages power distribution, sensor inputs, and mechanical outputs. | Feature | Description | | :--- | :--- | | **Component Type** | Main Control Board (PCB / PCBA) | | **Primary Voltage** | 220V - 240V AC (Standard Domestic) | | **Microcontroller** | Embedded MCU for logic processing | | **Connectivity** | Multi-pin ribbon connectors for UI and sensors | | **Application** | Inverter-type Refrigerator Management | --- ## 2. Key Electronic Modules on the Board The board is comprised of several distinct circuits working in tandem: ### A. Power Supply Unit (PSU) * **Step-down Transformer/Switching Regulator:** Converts high-voltage AC from the wall into low-voltage DC (usually 5V and 12V) to power the chips and relays. * **Filter Capacitors:** Large electrolytic capacitors used to smooth out voltage ripples. ### B. Inverter Control Circuit * **IPM (Intelligent Power Module):** Often found on or near these boards to manage the variable speed of the compressor. * **Heat Sinks:** Metal components attached to power transistors to dissipate heat during high-load operations. ### C. Input/Output (I/O) Interfaces * **Relays:** Mechanical switches that turn the defrost heater and internal lights on/off. * **Sensor Ports:** Connectors for NTC Thermistors (temperature sensors) that provide feedback on the internal cooling state. * **Communication Bus:** A serial interface (often UART or I2C) that communicates with the front panel display/buttons. --- ## 3. Common Failure Points Technicians often look at the 19CBZ-R2 when the following electronic symptoms occur: 1. **Capacitor Bulging:** Over time, heat causes the electrolytic capacitors to fail, leading to intermittent power-offs. 2. **Relay Pitting:** The internal contacts of the relays can burn out, causing the defrost cycle to fail (evaporator icing up). 3. **Trace Corrosion:** Moisture entry can lead to oxidation of the copper traces on the PCB, breaking the circuit. --- ## 4. Replacement Precautions If you are replacing or repairing this electronic part, observe the following: * **Static Discharge:** Always wear an ESD wrist strap; the CMOS chips on the R2 board are highly sensitive to static. * **Terminal Mapping:** Take a photo of the wire harness before disconnecting, as several connectors may look similar. * **Part Suffix:** Ensure the "R2" revision matches, as different revisions may have slightly different firmware or pinouts.
    ✨ Follow-up Questions
    • ⤷ How can I test the relays on the 19CBZ-R2 board using a multimeter?
    • ⤷ What are the specific refrigerator models compatible with the 19CBZ-R2 part?
    • ⤷ Are there common error codes displayed when this board fails?