Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 19N412R15

  • AI
    The part number **19N412R15** typically refers to a high-voltage, high-power resistor, often utilized in industrial applications such as pulse power, motor controls, or energy dissipation. Below is a detailed breakdown of the technical specifications and components associated with this type of electronic part. --- ### 1. General Specifications Based on standard industry nomenclature for high-current/high-voltage resistors (often associated with brands like Ohmite or specialized power electronics manufacturers), the specifications are generally as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Power Resistor (often Wirewound or Thick Film) | | **Resistance Value** | 1.5 Ohms (indicated by "R15") | | **Power Rating** | High Wattage (typically 10W - 50W+ depending on housing) | | **Tolerance** | Usually ±1%, ±5%, or ±10% | | **Mounting Style** | Chassis Mount or Bolt-on | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the string **19N412R15** can be deconstructed into its functional segments: * **19N / 412**: These often represent the **Series and Size**. It dictates the physical dimensions of the resistor and the core material (ceramic or aluminum housed). * **R15**: This is the **Resistance Value**. In electronic coding, "R" acts as the decimal point. Therefore, `R15` = **0.15 Ohms** or **1.5 Ohms** depending on the specific manufacturer's scaling (usually 1.5Ω in this specific series). --- ### 3. Material Composition These parts are engineered to withstand extreme thermal stress. The internal structure usually consists of: 1. **Resistive Element**: A specialized alloy wire (like Nickel-Chromium) wound around a ceramic core. 2. **Encapsulation**: Silicone or Vitreous Enamel coating to protect against moisture and oxidation. 3. **Terminals**: Solder lugs or screw-bolt terminals for high-current connectivity. --- ### 4. Typical Applications The **19N412R15** is designed for "heavy-duty" electrical environments: * **Dynamic Braking**: Dissipating excess energy in electric motors. * **Load Banks**: Used as a dummy load to test power supplies. * **Current Sensing**: Due to the low resistance value, it can be used to monitor high current flow by measuring the voltage drop across it. * **Inrush Current Limiting**: Protecting sensitive circuits from power surges during startup. --- ### 5. Maintenance and Safety * **Heat Dissipation**: These components get extremely hot during operation. They must be mounted to a metal heat sink or placed in a well-ventilated area. * **Derating**: If the ambient temperature exceeds 25°C, the maximum power capacity of the resistor must be "derated" (reduced) according to the manufacturer's curve.
    ✨ Follow-up Questions
    • ⤷ What is the exact wattage rating for the 19N series?
    • ⤷ How do I calculate the heat sink requirements for this resistor?
    • ⤷ Are there equivalent replacement parts for the 19N412R15?