Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1A15-R2

  • AI
    The **1A15-R2** is a specific electronic component, most commonly identified as a **high-voltage, high-speed switching diode** or a specific **power rectifier**. These are frequently used in automotive electronics, industrial power supplies, and ignition systems. --- ### 1. Key Technical Specifications The "1A15" series typically refers to a diode with the following characteristic limits: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 15,000V (15kV) | The maximum voltage it can block in reverse. | | **Average Forward Current ($I_{F(AV)}$)** | 1.0 Ampere | The continuous current it can handle. | | **Reverse Recovery Time ($t_{rr}$)** | 75ns - 100ns | How fast it switches from ON to OFF state. | | **Operating Temperature** | -55°C to +150°C | Thermal operating range. | | **Package Type** | DO-41 or Similar | Cylindrical axial-leaded package. | --- ### 2. Physical Construction The **-R2** suffix usually denotes a specific packaging or revision standard (such as RoHS compliance or a specific taping/reeling method for automated assembly). * **Anode and Cathode:** Like all diodes, it has two terminals. The cathode is usually marked with a colored band. * **Encapsulation:** It is housed in a molded plastic case that is flame retardant and designed to withstand high voltage arcing. --- ### 3. Common Applications Due to its high voltage rating (15kV) and relatively high current capacity (1A), the 1A15-R2 is used in specialized circuits: 1. **X-Ray Power Supplies:** Used in the rectification stage of high-voltage generators. 2. **Air Purifiers/Ionizers:** To create the high-voltage static charge needed to trap particles. 3. **Laser Power Supplies:** Specifically for CO2 lasers that require high strike voltages. 4. **Automotive Ignition:** To manage the high-voltage spikes generated by ignition coils. --- ### 4. Component Equivalents If you are looking for replacements or similar parts, consider the following: * **NTE517:** A common universal replacement for high-voltage silicon rectifiers. * **HVM15:** A similar high-voltage module diode. * **R3000 - R5000 Series:** Lower voltage versions of the same family (3kV to 5kV).
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 75ns reverse recovery time in high-voltage circuits?
    • ⤷ How do I test a 15kV diode using a standard multimeter?
    • ⤷ What are the heat dissipation requirements for a 1A15-R2 diode under full load?