Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1D2-R1

  • AI
    The **1D2-R1** (often categorized under the 1D2 series) typically refers to a **1.2V Ni-MH (Nickel-Metal Hydride) Rechargeable Battery** or a specific industrial-grade diode/component depending on the manufacturer prefix. However, in the context of general electronics parts, it most commonly identifies as a sub-type of **General Purpose Rectifier Diodes** or specific battery cell configurations. Below is an analysis of the component characteristics based on the most common industry specifications. --- ### 1. Component Overview If the 1D2-R1 is a **Rectifier Diode**, it is designed to convert Alternating Current (AC) to Direct Current (DC). If it refers to a **Battery Cell**, it is a power storage component. #### Technical Specifications (Rectifier Type) | Feature | Description | | :--- | :--- | | **Component Type** | General Purpose Rectifier | | **Peak Reverse Voltage** | 200V (Typical for '2' suffix) | | **Forward Current** | 1.0 Ampere | | **Package Type** | DO-41 or R-1 Axial Lead | | **Operating Temperature** | -65°C to +150°C | --- ### 2. Key Internal Materials Electronic parts like the 1D2-R1 are composed of specific materials to ensure electrical conductivity and protection: * **Semiconductor Material:** Usually Silicon (Si), known for high temperature resistance and efficiency. * **Leads:** Tin-plated copper for excellent solderability. * **Encapsulation:** Molded plastic (UL 94V-0 rated) to prevent moisture ingress and provide insulation. * **Internal Junction:** A P-N junction that allows current to flow in only one direction. --- ### 3. Common Applications The 1D2-R1 is utilized in various circuit designs: 1. **Power Supplies:** Used in bridge rectifiers to convert wall outlet power for DC devices. 2. **Freewheeling Diodes:** Protects circuits from voltage spikes caused by inductive loads (like motors or relays). 3. **Battery Charging:** Prevents reverse current flow from the battery back into the charging circuit. 4. **Signal Clipping:** Used in radio and communication circuits to limit voltage levels. --- ### 4. Comparison with Similar Parts | Part Number | Voltage Rating | Current Rating | Primary Use | | :--- | :--- | :--- | :--- | | **1D1** | 100V | 1.0A | Low voltage rectification | | **1D2-R1** | 200V | 1.0A | Medium voltage consumer electronics | | **1D4** | 400V | 1.0A | High voltage switching | --- ### 5. Installation Notes * **Polarity:** As a diode, it is polarized. The **Cathode** (negative side) is marked with a color band (usually white or silver). * **Soldering:** Use a heat sink on the leads if soldering for extended periods to avoid damaging the internal silicon junction.
    ✨ Follow-up Questions
    • ⤷ Is the 1D2-R1 part you are referring to a diode or a battery component?
    • ⤷ What are the specific voltage requirements for your current circuit project?
    • ⤷ Do you need a cross-reference or equivalent part number for the 1D2-R1?