Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1EC-R

  • AI
    It appears you are referring to the **1EC-R**, which is a specialized designation often found in industrial automation, specifically within **SMC's line of electronic pressure switches** (such as the ISE/ZSE series) or certain high-performance electronic components. Below is a breakdown of the typical electronic characteristics and functions associated with this part. --- ## 1. Component Overview The "1EC-R" suffix usually denotes a specific wiring and output configuration for electronic sensors or pressure switches. | Feature | Specification | | :--- | :--- | | **Output Type** | NPN or PNP Open Collector (Configuration dependent) | | **Connection Method** | M12 4-pin connector or lead wire | | **Response Time** | Typically ≤ 2.5ms | | **Protection Class** | IP65 or IP67 (Dust and water resistant) | --- ## 2. Key Electronic Parts & Functions The internal circuitry of a 1EC-R series device consists of several critical stages: ### A. Pressure/Sense Element * **Silicon Piezoresistive Sensor:** Converts mechanical pressure into a small electrical voltage. * **Temperature Compensation:** Internal thermistors ensure the signal remains stable even if the ambient temperature changes. ### B. Signal Conditioning (ASIC) * **A/D Converter:** The analog signal from the sensor is converted into digital data for the microprocessor. * **Microcontroller:** Manages the logic, hysteresis settings, and the digital display (if applicable). ### C. Output Circuitry (The "R" Logic) The "R" in the part number often indicates a specific **Relay-style** logic or a specialized **Reverse** polarity protection. * **Switching Transistors:** Usually robust MOSFETs used to trigger external PLC inputs. * **Overcurrent Protection:** Protects the internal electronics if the output is short-circuited. --- ## 3. Wiring Diagram (General) For most electronic parts in this category, the wiring follows a standard industrial color code: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | DC (+) | Power Supply (12-24V DC) | | **Blue** | DC (-) | Common / Ground | | **Black** | OUT1 | Primary Switch Output | | **White** | OUT2 / Analog | Secondary Output or 4-20mA signal | --- ## 4. Application Use Cases * **Vacuum Verification:** Ensuring a part is held by a suction cup in robotic arms. * **Leak Detection:** Monitoring pressure drop in sealed electronic enclosures. * **Process Control:** Sending a digital signal to a PLC when a specific pressure threshold is reached.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of the 1EC-R part you are using?
    • ⤷ Do you need the specific pinout diagram for an M12 connector version?
    • ⤷ Are you troubleshooting a specific error code on this electronic switch?