Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1F3-R2

  • AI
    The **1F3-R2** is a specific part number typically associated with **Fast Recovery Rectifier Diodes**. These components are essential in power electronics for converting alternating current (AC) to direct current (DC) while handling high speeds. --- ### Technical Specifications Below are the general characteristics typically found in the 1F3-R2 datasheet: | Parameter | Value | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier Diode | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200V - 300V (varies by series) | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 1.0 Ampere | | **Reverse Recovery Time ($t_{rr}$)** | < 150ns - 500ns | | **Forward Voltage Drop ($V_F$)** | ~1.1V - 1.3V | | **Package Type** | R-1 (Miniature axial leaded) | | **Operating Temperature** | -65°C to +150°C | --- ### Key Features and Construction 1. **Fast Recovery Time ($t_{rr}$):** Unlike standard diodes (like the 1N4007), the "Fast Recovery" nature of the 1F3-R2 allows it to switch from an "on" state to an "off" state very quickly. This reduces power loss during high-frequency operation. 2. **R-1 Package:** The "R-1" designation refers to the physical dimensions. It is a small, cylindrical plastic package with two metal leads, designed for through-hole mounting on printed circuit boards (PCBs). 3. **Low Reverse Leakage:** It is designed to minimize current flow when the diode is reverse-biased, which improves the overall efficiency of the power supply. --- ### Common Applications * **Switching Power Supplies (SMPS):** Used to rectify high-frequency AC signals into DC. * **Inverters:** Essential in DC-to-AC conversion circuits where fast switching is required. * **Freewheeling Diodes:** Used to protect circuits from voltage spikes generated by inductive loads (like motors or relays). * **DC-DC Converters:** Acts as a steering diode in voltage regulation modules. ### Equivalent / Substitute Parts If the 1F3-R2 is unavailable, these parts are often considered similar in functionality: * **1F4** (Higher voltage rating) * **UF4003** (Ultra-fast version) * **BA157 / BA158** (Standard fast recovery equivalents)
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard recovery and a fast recovery diode like the 1F3-R2?
    • ⤷ Can I replace a 1F3-R2 with a 1N4007 in a high-frequency circuit?
    • ⤷ What does the 'R2' suffix specifically denote in this part numbering?