Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1HFAG-R

  • AI
    The **1HFAG-R** refers to a high-performance **Chip Bead (Ferrite Bead)** manufactured by **Murata Electronics**. It is part of the **BLM18H** series, specifically designed for noise suppression in high-frequency circuits. --- ### 1. General Specifications The 1HFAG-R is an EMI (Electromagnetic Interference) suppression filter. Below are its primary technical characteristics: | Property | Value | | :--- | :--- | | **Full Part Number** | BLM18HG102SN1D (Commonly referred to as 1HFAG-R in specific catalogs) | | **Package / Case** | 0603 (1608 Metric) | | **Impedance (at 100 MHz)** | 1000 Ohms ± 25% | | **Impedance (at 1 GHz)** | 1100 Ohms (Typical) | | **Rated Current** | 100 mA | | **DC Resistance (Max)** | 1.6 Ohms | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Key Features * **High-Frequency Performance:** Unlike standard ferrite beads that lose effectiveness at higher frequencies, the "H" series (High Frequency) maintains high impedance even in the GHz range. * **Internal Structure:** It utilizes a multilayer structure that creates high resistance against noise without needing a ground connection. * **Size:** The 0603 footprint (1.6mm x 0.8mm) makes it ideal for compact mobile electronics. --- ### 3. Functional Application The primary purpose of the 1HFAG-R is to act as a **low-pass filter**. It allows DC and low-frequency signals to pass with minimal resistance while absorbing and dissipating high-frequency noise as heat. #### Common Use Cases: 1. **Mobile Devices:** Suppressing noise in smartphones, tablets, and wearables. 2. **Clock Lines:** Cleaning up high-speed clock signals to prevent "ringing" or EMI. 3. **Power Lines:** Filtering low-current power supply lines to prevent digital noise from affecting sensitive analog components. 4. **Interface Ports:** Filtering USB or HDMI data lines to meet EMC (Electromagnetic Compatibility) standards. --- ### 4. Technical Comparison: Standard vs. High Frequency | Feature | Standard Ferrite Bead | 1HFAG-R (High Frequency) | | :--- | :--- | :--- | | **Impedance Peak** | Typically 100MHz - 300MHz | Remains high into the 1GHz+ range | | **Main Use** | General power supply filtering | High-speed signal lines / GHZ noise | | **Resistance** | Low at high frequencies | High at high frequencies | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1HFAG-R and the 1HBA-R versions?
    • ⤷ How do I calculate the voltage drop across this ferrite bead in a circuit?
    • ⤷ Can this part be used for high-current power supply filtering?