Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1KM-R1

  • AI
    The **1KM-R1** typically refers to a high-precision, low-power **NTC (Negative Temperature Coefficient) Thermistor** or a specific resistor configuration commonly used in industrial sensing and automotive electronics. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part. --- ### 1. General Specifications The "1K" generally denotes the nominal resistance at room temperature (25°C), while "M" and "R1" refer to tolerance and packaging/series identifiers. | Parameter | Specification (Typical) | | :--- | :--- | | **Nominal Resistance** | 1.0 kΩ (1000 Ohms) | | **Resistance Tolerance** | ±20% (Standard for 'M' code) | | **B-Constant Tolerance** | ±1% to ±3% | | **Operating Temp Range** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) or Leaded Radial | --- ### 2. Key Components & Material Composition The 1KM-R1 is a passive component constructed using specialized materials to ensure stability: * **Ceramic Semi-conductor:** The core body is made of a metal oxide ceramic (typically containing Manganese, Nickel, or Cobalt). * **Electrodes:** Usually consists of a Silver (Ag) or Palladium-Silver layer for high conductivity. * **Protective Coating:** A glass or epoxy resin coating to prevent oxidation and moisture ingress. * **Terminations:** Tin-plated (Sn) leads or pads for easy soldering. --- ### 3. Functional Mechanism The "R1" series is designed for **Temperature Sensing and Compensation**. * **Negative Temperature Coefficient:** As the ambient temperature increases, the electrical resistance of the 1KM-R1 decreases. * **Linearity:** While NTCs are inherently non-linear, the R1 series is often calibrated to follow a predictable curve, allowing microcontrollers to calculate temperature using the **Steinhart-Hart equation**. --- ### 4. Common Applications Due to its 1kΩ base resistance, it is frequently found in the following circuits: 1. **Battery Management Systems (BMS):** Monitoring the cell temperature of Li-ion batteries. 2. **Inrush Current Limitation:** Protecting sensitive power supplies from initial current spikes. 3. **Automotive Sensors:** Measuring coolant or intake air temperature. 4. **HVAC Systems:** Acting as a feedback sensor for thermostats. --- ### 5. Circuit Symbol and Implementation In a schematic, the 1KM-R1 is represented as a resistor with a diagonal line or a "t°" symbol. ```cpp // Typical Voltage Divider Implementation // [Vcc] --- [Fixed Resistor] ---+--- [1KM-R1] --- [GND] // | // [ADC Input] ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the temperature from a 1KM-R1 reading using an Arduino?
    • ⤷ What is the difference between the 1KM-R1 and a 10K NTC thermistor?
    • ⤷ What are the specific power rating limits for this component?