Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1LFC-R

  • AI
    The **1LFC-R** is a specific model identifier typically associated with **Common Mode Choke Coils** or **Line Filters**, often manufactured by companies like **Murata** or specialized magnetic component suppliers. These parts are critical for Electromagnetic Interference (EMI) suppression in power supplies. --- ### 1. Technical Overview The "1LFC-R" series is designed to suppress high-frequency noise in AC or DC power lines. It acts as a barrier, preventing noise generated by the device from entering the power grid and protecting the device from external surges. | Parameter | Typical Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Line Filter | | **Configuration** | Dual winding on a single core | | **Mounting Type** | Through-hole (typically) | | **Core Material** | Ferrite (High permeability) | | **Application** | Switching Power Supplies (SMPS), LED Drivers | --- ### 2. Key Internal Components The 1LFC-R consists of several physical electronic elements that dictate its performance: * **Ferrite Core:** Usually a toroidal (ring) or "E" shape. The material composition determines the frequency range of noise it can filter. * **Copper Windings:** Two sets of insulated copper wires. In "Common Mode" configuration, they are wound in a way that magnetic fields from supply currents cancel out, while noise signals see high impedance. * **Encapsulation/Base:** The "R" in the suffix often denotes a specific lead configuration or a radial mounting style with a flame-retardant plastic base. --- ### 3. Electrical Characteristics When integrating a 1LFC-R into a circuit, engineers look at these specific metrics: 1. **Inductance (mH):** The higher the inductance, the better it filters lower-frequency noise. 2. **Rated Current (A):** The maximum current the wire can handle without overheating or saturating the core. 3. **DC Resistance (DCR):** The internal resistance of the copper wire; lower DCR is preferred to minimize power loss. 4. **Dielectric Withstanding Voltage:** The insulation limit between the two windings to prevent arcing. --- ### 4. Schematic Representation In a circuit diagram, the part is represented by two inductors with a line or dots indicating they share a magnetic core: ```text Line In o---( Inductor 1 )---o Line Out | Core | Neutral In o---( Inductor 2 )---o Neutral Out ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the 1LFC-R model you are using?
    • ⤷ How does a common mode choke differ from a standard inductor?
    • ⤷ What are the common failure modes of line filters in power supplies?