Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1MD04-059-08

  • AI
    The part number **1MD04-059-08** is typically associated with a specific series of **Thermoelectric Coolers (TEC)**, often manufactured by companies like II-VI Marlow (now Coherent) or similar thermal management specialists. These components are solid-state heat pumps used for precise temperature control in optoelectronics and medical devices. ### 1. Technical Specifications Thermoelectric modules operate on the **Peltier Effect**. When DC current flows through the device, heat is transferred from one side to the other. | Parameter | Estimated Value/Description | | :--- | :--- | | **Type** | Single-Stage Thermoelectric Cooler (TEC) | | **Max Temperature Differential ($\Delta T_{max}$)** | ~67°C to 72°C (at $T_{hot}$ = 27°C) | | **Max Current ($I_{max}$)** | Typically between 0.8A and 2.0A (series dependent) | | **Max Voltage ($V_{max}$)** | Variable based on couple count (typically 3.0V - 8.0V) | | **Construction** | Alumina Ceramic ($\text{Al}_2\text{O}_3$) plates | | **External Finish** | Usually Gold-plated or Bare Ceramic | --- ### 2. Physical Characteristics The nomenclature "1MD04" usually provides clues about the physical footprint: * **1MD:** Refers to a single-stage, standard performance module. * **04:** Often indicates the number of couples or the specific element height/size (approx. 4mm-6mm footprint width). * **059:** Generally indicates the specific height or internal pellet count configuration. * **08:** Designates the specific finish (e.g., specific lead wire lengths, metallization, or lapping tolerance). --- ### 3. Common Applications Because of its small size and precise cooling capacity, this part is frequently found in: * **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers. * **Infrared Sensors:** Reducing thermal noise in high-sensitivity detectors. * **PCR Thermal Cyclers:** Rapidly heating and cooling DNA samples in medical diagnostics. * **CCD Cameras:** Cooling image sensors for long-exposure photography. --- ### 4. Integration Guidelines To ensure the longevity of the 1MD04-059-08, follow these implementation rules: ```markdown 1. Heat Sink: Never operate the TEC without a proper heat sink on the hot side. 2. PWM Control: Use a filtered DC power supply or high-frequency PWM (>10kHz) to avoid thermal fatigue. 3. Mounting: Use a thin layer of thermal grease or a graphite pad for interface contact. 4. Moisture: Seal the module with RTV or epoxy if operating below the dew point to prevent corrosion. ```
    ✨ Follow-up Questions
    • ⤷What is the maximum cooling capacity (Qmax) for this specific module?
    • ⤷ How do I identify the 'hot side' versus the 'cold side' on a TEC?
    • ⤷ What are the recommended soldering temperatures for the leads on this part?