Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1MD06-059-10

  • AI
    The part number **1MD06-059-10** typically refers to a high-performance **Thermoelectric Cooler (TEC)** or Peltier Module, commonly manufactured by companies like *II-VI Marlow* (now Coherent). These components are used for precise temperature control in optoelectronic and photonic applications. --- ### 1. Technical Specifications Thermoelectric coolers operate based on the Peltier effect, where electric current creates a temperature difference between two sides of the module. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Single-stage Thermoelectric Module | | **Maximum Current ($I_{max}$)** | ~1.3 A to 1.5 A | | **Maximum Voltage ($V_{max}$)** | ~7.2 V | | **Maximum Temp Delta ($\Delta T_{max}$)** | ~65°C to 70°C (in vacuum) | | **Internal Resistance** | ~4.5 to 5.5 Ohms | | **Surface Material** | Aluminum Oxide ($Al_2O_3$) Ceramics | --- ### 2. Key Characteristics * **Precision Cooling:** Designed for stabilizing the temperature of sensitive components like laser diodes or infrared sensors. * **Small Form Factor:** The "1MD06" prefix often indicates a specific sub-miniature footprint suitable for integration into TO-can packages or Butterfly laser packages. * **Reliability:** These are industrial/telecom grade components designed to withstand rigorous thermal cycling. * **Lead Configuration:** Usually features "10" as a suffix which may denote specific lead lengths or finishings (e.g., perimeter-sealed or gold-plated leads). --- ### 3. Common Applications 1. **Laser Diode Stabilization:** Keeping the wavelength of a laser stable by maintaining a constant temperature. 2. **CCD/CMOS Cooling:** Reducing "dark noise" in digital imaging sensors for high-end cameras. 3. **Laboratory Instrumentation:** Used in PCR machines or portable medical diagnostic tools. 4. **Telecommunications:** Cooling optical transceivers for fiber optic networks. --- ### 4. Implementation Example (Python) If you are using a microcontroller to drive a TEC via a DAC or PWM (with an H-bridge), you might use a simple PID logic to control the temperature: ```python # Simple PID Logic Placeholder for TEC Control def calculate_tec_output(setpoint, current_temp): kp = 1.5 ki = 0.5 kd = 0.1 error = setpoint - current_temp # Logic to adjust PWM duty cycle based on error output = (kp * error) # Simplified proportional control return max(min(output, 100), 0) # Clamp between 0-100% ```
    ✨ Follow-up Questions
    • ⤷ What is the physical size of the 1MD06-059-10 module?
    • ⤷ How do I calculate the heat pumping capacity (Qmax) for this part?
    • ⤷ Can this module be used for heating as well as cooling?