Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 1MD06-059-12

  • AI
    Based on electronic component nomenclature and common industry standards, the part number **1MD06-059-12** typically refers to a specialized **Thermoelectric Cooler (TEC) or Peltier Module**. These components are solid-state heat pumps used for precision temperature control in medical, aerospace, and telecommunications equipment. --- ## 1. Technical Specifications (General) While specific parameters can vary slightly by manufacturer (often associated with brands like *Ferrotec* or *Laird*), the code generally breaks down as follows: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Single-Stage Thermoelectric Module | | **Max Current ($I_{max}$)** | Typically ~1.5A to 2.5A (Depending on ΔT) | | **Max Voltage ($V_{max}$)** | ~7.0V to 8.5V DC | | **Max Cooling Power ($Q_{max}$)** | ~5W to 9W | | **Operating Temp Range** | -50°C to +150°C (High-reliability versions) | | **Ceramic Material** | Alumina ($Al_2O_3$) or Beryllium Oxide ($BeO$) | --- ## 2. Part Number Breakdown The alphanumeric string usually follows a modular identification system: 1. **1MD**: Indicates a **Single-Stage** Micro-Module. "Micro" implies small dimensions for cooling laser diodes or sensors. 2. **06**: Refers to the number of couples (Pairs of P-N junctions). 3. **059**: Represents the physical sizing or specific design iteration (often the pellet height/width). 4. **12**: Usually indicates the specific finish (e.g., gold-plated headers or specific wire lead lengths). --- ## 3. Physical Attributes * **Size:** These modules are extremely small, often measuring between **3mm x 3mm** and **8mm x 8mm**. * **Construction:** Consists of two ceramic plates with semiconductor pellets (Bismuth Telluride) sandwiched in between. * **Interface:** Features two wires (Red for positive, Black for negative). Reversing the polarity switches the side that gets hot/cold. --- ## 4. Common Applications Because of its "Micro" designation, the **1MD06-059-12** is used in: * **Infrared (IR) Sensors:** Cooling the sensor to reduce thermal noise. * **Laser Diodes:** Stabilizing wavelength by maintaining a constant temperature. * **CCD Cameras:** Cooling image sensors for long-exposure photography. * **Fiber Optics:** Temperature stabilization in TOSA (Transmitter Optical Sub-Assemblies). --- ## 5. Implementation Tips ### Heat Sinking A Peltier module cannot function without a heat sink on the "hot side." If you power a **1MD06-059-12** without a way to dissipate heat, the module will overheat and fail within seconds. ### Powering It is recommended to use a **PWM (Pulse Width Modulation)** controller or a constant current DC source. Avoid high-ripple power supplies as they reduce the cooling efficiency of the module.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the 1MD06-059-12?
    • ⤷ Can this module be used for heating as well as cooling?
    • ⤷ What is the maximum temperature difference (Delta T) this part can achieve?